Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-6020D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-6020D
Description  Fanless Industrial DIN Rail Security Box IPC with Intel짰 Atom??N2600 CPU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-6020D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-6020D Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-6020D Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-6020D Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-6020D Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Solid Expansion Capability
Complete storage expansion
functionality, including
CompactFlash and internal pin-
header for VGA and console.
LEC-6020A with an internal mini-
PCIe slot for future expansion.
Wide Temperature
This product is ruggedized to
support a wider temperature up
to 70oC. Outfitted with industrial
components (CF, memory) this
platform can thrive in harsh
conditions.
Flexible I/O Design
LEC-6020 series provides various
I/O connectivity such as 3 or 5
GbE LAN, or 4 serial COM ports
and 2 or 4 USB ports.
LAN Bypass
LEC-6020A/C/D supports 1 pair
and LEC-6020B supports 2 pairs
of Ethernet LAN Bypass function.
Bypass ports allow users to have
uninterrupted network traffic
even if a single in-line appliance
is shut down or is hung.
Dimensions: 65 x 146 x 127 mm (2.56” x 5.74” x 5”)
LEC-6020A
LEC-6020B


Similar Part No. - LEC-6020D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-6021A ETC2-LEC-6021A Datasheet
170Kb / 2P
   IEC 61850-3 Wide Temperature ICS Cyber Security Box PC with Intel Atom N2600 Processor
More results

Similar Description - LEC-6020D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3012A ETC2-LEC-3012A Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??N455 CPU
LEC-3013 ETC2-LEC-3013 Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3013T ETC2-LEC-3013T Datasheet
217Kb / 4P
   Wide Temperature Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??D525 CPU
LEC-3020 ETC2-LEC-3020 Datasheet
195Kb / 2P
   Fanless Industrial DIN Rail Communication Platform with Intel짰 Atom??N2600 CPU Preliminary Specification
LEC-2312 ETC2-LEC-2312 Datasheet
316Kb / 2P
   Fanless Industrial PC with Intel짰 Atom??N455 CPU
logo
Lanner All Rights Reser...
LEC-3031 LANNER-LEC-3031 Datasheet
499Kb / 2P
   Industrial Grade DIN Rail Box PC with Intel짰 Atom E3825 Processor
logo
Advantech Co., Ltd.
ARK-1122H ADVANTECH-ARK-1122H Datasheet
728Kb / 2P
   Intel짰 Atom??Dual Core N2600 with Independent Dual Displays Fanless Box PC
ARK-1122H ADVANTECH-ARK-1122H_15 Datasheet
728Kb / 2P
   Intel짰 Atom??Dual Core N2600 with Independent Dual Displays Fanless Box PC
SOM-3565 ADVANTECH-SOM-3565_15 Datasheet
829Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565 ADVANTECH-SOM-3565 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com