Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0515S-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # A0515S-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A0515S-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  A0515S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A0515S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A0515S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A0515S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A0515S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
A_S-1WR2 & B_LS-1WR2 Series
2015.04.20-B/0
Page 2 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
--
A1505S-1WR2
15
(13.5-16.5)
±5
±100/±10
76/80
100
A1512S-1WR2
±12
±42/±5
76/80
A1515S-1WR2
±15
±34/±4
76/80
CE
B1505LS-1WR2
5
200/20
76/80
220
--
B1512LS-1WR2
12
84/9
76/80
CE
B1515LS-1WR2
15
67/7
76/80
UL/CE
A2405S-1WR2
24
(21.6-26.4)
±5
±100/±10
76/80
100
A2409S-1WR2
±9
±56/±6
76/80
A2412S-1WR2
±12
±42/±5
76/80
A2415S-1WR2
±15
±34/±4
76/80
A2424S-1WR2
±24
±21/±3
76/80
--
B2403LS-1WR2
3.3
303/31
70/74
220
UL/CE
B2405LS-1WR2
5
200/20
76/80
B2409LS-1WR2
9
111/11
76/80
B2412LS-1WR2
12
84/9
76/80
B2415LS-1WR2
15
67/7
76/80
B2424LS-1WR2
24
42/5
76/80
Note:*The capacitive loads of positive and negative outputs are identical.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current (full load / no-load)
3.3V input
--
426/30
--/70
mA
5V input
--
281/25
--/60
9V input
--
142/20
--/60
12V input
--
106/15
--/50
15V input
--
84/10
--/35
24V input
--
54/7
--/30
Surge Voltage (1sec. max.)
3.3V input
-0.7
--
5
VDC
5V input
-0.7
--
9
9V input
-0.7
--
12
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Reflected Ripple Current
--
15
--
mA
Input Filter
Capacitor filter
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage
change: ±1%
3.3VDC output
--
--
±1.5
--
Other output
--
--
±1.2
Load Regulation
10%-100% load
3.3VDC output
--
18
--
%
5VDC output
--
12
--
9VDC output
--
9
--
%
12VDC output
--
8
--
Load Regulation
10%-100% load
15VDC output
--
7
--
24VDC output
--
6
--
Ripple & Noise*
20MHz bandwidth
--
60
150
mVp-p
Temperature Drift Coefficient
100% load
--
--
±0.03
%/℃


Similar Part No. - A0515S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0515S-1WR2 MORNSUN-A0515S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A0515S-1WR2 MORNSUN-A0515S-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
More results

Similar Description - A0515S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com