Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF1D24QB-100W Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # URF1D24QB-100W
Description  DC-DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF1D24QB-100W Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  URF1D24QB-100W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF1D24QB-100W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF1D24QB-100W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF1D24QB-100W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF1D24QB-100W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF1D24QB-100W Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URF1D24QB-100W Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URF1D24QB-100W Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC/DC Converter
URF1D_QB Series
2014.12.09-A/1
Page 4 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
0
10
20
30
40
50
60
70
80
-40
0
10
20
30
40
50
60
70
80
90
100
Ambient temperature(℃)
URF1D24QB-75W Thermal Curves (Vin=110V)
No Heatsink
Natural Convection
No Heatsink
200LFM
No Heatsink
400LFM
No Heatsink
1000LFM
0
10
20
30
40
50
60
70
80
-40
0
10
20
30
40
50
60
70
80
90
100
Ambient temperature(℃)
URF1D24QB-75WH Thermal Curves (Vin=110V)
Heatsink
Natural Convection
Heatsink
200LFM
Heatsink
400LFM
Heatsink
1000LFM
0
10
20
30
40
50
60
-40
0
10
20
30
40
50
60
70
80
90
100
Ambient temperature(℃)
URF1D24QB-50W Thermal Curves (Vin=110V)
No Heatsink
Natural Convection
No Heatsink
200LFM
No Heatsink
400LFM
No Heatsink
1000LFM
0
10
20
30
40
50
60
-40
0
10
20
30
40
50
60
70
80
90
100
Ambient temperature(℃)
URF1D24QB-50WH Thermal Curves (Vin=110V)
Heatsink
Natural Convection
Heatsink
200LFM
Heatsink
400LFM
Heatsink
1000LFM
Sense of application and precautions
1. When Remote Sense is not used
0V
+Vo
sense+
Trim
sense-
+
C
The lead as short as possible
Load
Short at pin root
Notes:
1) When remote sense is not used, make sure + Vo and Sense + are shorted, and that 0V and Sense- are shorted as well;
2) Keep the patterns between + Vo and Sense + and 0V and Sense- as short as possible. Avoid a looping pattern. If noise enters the loop, the operation of the
power module will become unstable.
2. When Remote Sense is used
0V
+Vo
sense+
Trim
sense-
A s far as possibl e u sin g t he twisted pair
Load
+
C
Notes:
1. Using remote sense with long wires may cause output voltage to become unstable. Consult us if long sensing wiring is necessary.
2. Sense patterns or wires should be as short as possible. If wires are used, use either twisted-pair or shielded wires.
3. Please Use wide PCB trace or a thick wires between the power supply module and the load, the line voltage drop should be kept less than 0.3V. Make sure
the power supply module's output voltage remains within the specified range.
4. The impedance of wires may cause the output the voltage oscillation or have a greater ripple, please do adequate assessments before using.


Similar Part No. - URF1D24QB-100W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF1D24QB-100W MORNSUN-URF1D24QB-100W Datasheet
1Mb / 8P
   100W, wide input voltage, isolated & regulated single output DC-DC converter
URF1D24QB-100WH MORNSUN-URF1D24QB-100WH Datasheet
1Mb / 8P
   100W, wide input voltage, isolated & regulated single output DC-DC converter
More results

Similar Description - URF1D24QB-100W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com