Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB4812LD-30WR3 Datasheet(PDF) 6 Page - MORNSUN Science& Technology Ltd.

Part # URB4812LD-30WR3
Description  DC/DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4812LD-30WR3 Datasheet(HTML) 6 Page - MORNSUN Science& Technology Ltd.

  URB4812LD-30WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4812LD-30WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4812LD-30WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4812LD-30WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4812LD-30WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4812LD-30WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB4812LD-30WR3 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB4812LD-30WR3 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DC/DC Converter
URB_LD-30WR3 Series
2015.08.12-A/2
Page 6 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
URB_LD-30WR3A2S(without heat sink) Dimensions
1102000908-B0
Pin-Out
Pin
Function
1
2
3
4
5
6
1
2
3
4
5
6
Front View
Top View
76.00 [2.992]
61.60 [2.425]
LED lamp
Ctrl
GND
Vin
Trim
0V
+Vo
Note:
Unit:mm[inch]
Wire range:24~12 AWG
General tolerances:±0.50[±0.020]
2-
3.30 [0.130]
THIRD ANGLE PROJECTION
URB_LD-30WHR3A2S(with heat sink) Dimensions


Similar Part No. - URB4812LD-30WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4812LD-15W MORNSUN-URB4812LD-15W Datasheet
441Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
URB4812LD-15WR2 MORNSUN-URB4812LD-15WR2 Datasheet
1Mb / 9P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4812LD-20W MORNSUN-URB4812LD-20W Datasheet
424Kb / 3P
   ULTRA WIDE INPUT , ISOLATED & REGULATED SINGLE OUTPUT DC-DC CONVERTER
URB4812LD-20WR2 MORNSUN-URB4812LD-20WR2 Datasheet
1Mb / 10P
   REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
URB4812LD-20WR3 MORNSUN-URB4812LD-20WR3 Datasheet
539Kb / 8P
   DC/DC Converter
More results

Similar Description - URB4812LD-30WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com