Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH25-10B05 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH25-10B05
Description  20(25)W, AC-DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH25-10B05 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH25-10B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH25-10B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH25-10B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH25-10B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH25-10B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH25-10B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH25-10B05 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH25-10B05 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AC/DC Converter
LH20(25) Series
2015.08.24-B/3
Page 3 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
--
65
--
kHz
Power Derating
-25℃~-10℃(LH20-10A/C/D Series)
2.0
--
--
-40℃~-10℃(LH20(25)-10B Series)
2.0
--
--
+50℃~+70℃(LH25-10B Series)
3.0
--
--
+55℃~+70℃ (LH20-10A/B/C/D Series)
4.0
--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety Certification
IEC60950/EN60950/UL60950
Safety Class
CLASS I
MTBF
MIL-HDBK-217F@25°C > 300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Dimension
Horizontal packageg
70.00x48.00x23.50mm
A2 chassis mounting
96.10x54.00x32.00mm
A3 chassis mounting
99.00x54.00x32.00mm
A4 Din-Rail mountin
96.10x54.00x36.60mm
Weight
Horizontal package/A2 chassis mounting/
A3 chassis mounting/A4 Din-Rail mounting
120g/170g /170g /210g (Typ.)
Cooling method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022, CLASS B
RE
CISPR22/EN55022, CLASS B
EMS
ESD
IEC/EN61000-4-2
±6KV/±8KV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 5 for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
±1KV/±2KV
perf. Criteria B
IEC/EN61000-4-5
±2KV/4KV (See Fig. 5 for recommended circuit)
perf. Criteria B
EMS
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Product Characteristic Curve
-40
100
70
20
-10
55
70
40
50
Temperature Der ating C ur ve
L 25-10B series
H
LH20-10A/B/C/D series
Ambient Temperature( )
L 20-10A/C/D series
H
LH20(25)-10B series
-25
Input voltage:85~264VAC
100~370VDC
100
240
85
264
20
40
100
60
80
75
Input Voltage
Ambient temperature:25
Input Voltage Derating Curve
VAC
120
340
100
370 VDC
Note: ①When input 85~100VAC/240~264VAC/100~120VDC/340~370VDC, it need to be voltage derated on basis of temperature derating;
This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.


Similar Part No. - LH25-10B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH25-10B05 MORNSUN-LH25-10B05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH25-10B05ER2 MORNSUN-LH25-10B05ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH25-10B05

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
   5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
logo
Power Integrations, Inc...
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
   25 W Flyback DC-DC Converter
logo
PEAK electronics GmbH
PPM05-A-24ZLF PEAK-PPM05-A-24ZLF Datasheet
86Kb / 3P
   5 - 20 W AC/DC CONVERTER DUAL OUTPUT
PPM05-A-0505DLF PEAK-PPM05-A-0505DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
logo
ETA-USA
WRA-00X ETA-USA-WRA-00X Datasheet
938Kb / 6P
   25 WATT AC-DC CONVERTER
ERA-SA ETA-USA-ERA-SA Datasheet
470Kb / 4P
   25 WATT AC-DC CONVERTER
SVA-SB ETA-USA-SVA-SB Datasheet
553Kb / 3P
   25 WATT AC-DC CONVERTER
MRA-SB ETA-USA-MRA-SB Datasheet
464Kb / 3P
   25 WATT AC-DC CONVERTER
ERA-FWB ETA-USA-ERA-FWB Datasheet
503Kb / 4P
   25 WATT AC-DC CONVERTER
MRA-SA ETA-USA-MRA-SA Datasheet
478Kb / 4P
   25 WATT AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com