Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH25-10B03 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # LH25-10B03
Description  20(25)W, AC-DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH25-10B03 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LH25-10B03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH25-10B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH25-10B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH25-10B03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH25-10B03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH25-10B03 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH25-10B03 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH25-10B03 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC/DC Converter
LH20(25) Series
2015.08.24-B/3
Page 5 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2. EMC solution-recommended circuit
ACDC
AC(N)
AC(L)
LCM
MOV1 CX
CY1
CY2
FUSE
AC(N)
AC(L)
+Vo
-Vo
+
LDM
C1
C2
TVS1
RL
Can use MORNSUN s FC-LX1D
'
Fig 5: EMC Recommended circuit with higher requirements
Element
model
Recommended value
MOV1
S14K300
CY1 , CY2
1000pF/400VAC
CX
0.1μF/275VAC
LCM
10mH, recommended to use MORNSUN’s FL2D-Z5-103
LDM
4.7μH/2A
FC-LX1D
2KV/4KV EMC filter
FUSE
3.15A/250V slow fusing, necessary
3. Application of Trim and calculation of Trim resistance
0V
R2
R1
R3
Vref
RT
Trim
+Vot
0V
R2
R1
R3
Vref
RT
Trim
+Vot
Trim up
Trim down
Applied circuits of Trim (Part in broken line is the interior of models):
Calculation formula of Trim resistance:
up:
a=
Vref
Vot-Vref
R1
R =
T
aR2
R -a
2
-R3
down:
a=
Vref
Vot-Vref
R2
R =
T
aR1
R -a
1
-R3
RT is Trim resistance
a is a self-defined parameter, with
no real meaning.
Vout
R1(KΩ)
R2(KΩ)
R3(KΩ)
Vref(V)
Vot(V)
3.3V
3.3
1.98
1
1.24
Output voltage
after regulation,
variation ≤ ±10%
5V
3.3
3.3
1
2.5
9V
7.5
2.87
1
2.5
12V
3.83
1
1
2.5
15V
7.5
1.5
1
2.5
24V
8.66
1
1
2.5
48V
68
3.73
1
2.5
4. For more information about Mornsun EMC Filter products, please visit www.mornsun-power.com to
download the Selection Guide of EMC Filter


Similar Part No. - LH25-10B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH25-10B03 MORNSUN-LH25-10B03 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH25-10B03

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PPM05-A-05ELF PEAK-PPM05-A-05ELF Datasheet
95Kb / 4P
   5 - 25 W AC/DC CONVERTER SINGLE OUTPUT
logo
Power Integrations, Inc...
DI-29 POWERINT-DI-29 Datasheet
66Kb / 2P
   25 W Flyback DC-DC Converter
logo
PEAK electronics GmbH
PPM05-A-24ZLF PEAK-PPM05-A-24ZLF Datasheet
86Kb / 3P
   5 - 20 W AC/DC CONVERTER DUAL OUTPUT
PPM05-A-0505DLF PEAK-PPM05-A-0505DLF Datasheet
83Kb / 3P
   5- 20 W AC/DC CONVERTER TRIPLE OUTPUT
logo
ETA-USA
WRA-00X ETA-USA-WRA-00X Datasheet
938Kb / 6P
   25 WATT AC-DC CONVERTER
ERA-SA ETA-USA-ERA-SA Datasheet
470Kb / 4P
   25 WATT AC-DC CONVERTER
SVA-SB ETA-USA-SVA-SB Datasheet
553Kb / 3P
   25 WATT AC-DC CONVERTER
MRA-SB ETA-USA-MRA-SB Datasheet
464Kb / 3P
   25 WATT AC-DC CONVERTER
ERA-FWB ETA-USA-ERA-FWB Datasheet
503Kb / 4P
   25 WATT AC-DC CONVERTER
MRA-SA ETA-USA-MRA-SA Datasheet
478Kb / 4P
   25 WATT AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com