Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH20-13B03 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH20-13B03
Description  5-25W, AC/DC converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH20-13B03 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH20-13B03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH20-13B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH20-13B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH20-13B03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH20-13B03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH20-13B03 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC/DC Converter
LH(05-25)-13Bxx Series
2015.03.02-A/1
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5-25W, AC/DC converter
FEATURES
Wide input range: 85~305VAC/100~430VDC
Operating temperature range : -40~70℃
Conversion efficiency up to87%
Meet
IEC60950, EN60950 and UL60950 standards
Over-current, short circuit and over- voltage
protection
CB
RoHS
LH(05-25)-13Bxx series -----a compact size power converter offered by Mornsun. It features universal input voltage, taking both DC and AC
input voltage, low power consumption, high efficiency, high reliability, safer isolation. It offers good EMC performance, which meet
IEC/EN61000-4, CISPR22/EN55022, UL60950 and EN60950 standards, and it’s widely used in industrial, office and civil applications.
Note: Please refer to Design Reference when module being used in a bad EMC environment.
Selection Guide
Certification
Part No.
Output Power
Nominal Output Voltage and
Current(Vo/Io)
Efficiency
(230VAC, %/Typ.)
Max. Capacitive
Load(μF)
UL/CE
LH05-13B03
4W
3.3V/1250mA
72
4000
LH05-13B05
5W
5V/1000mA
77
4000
LH05-13B09
9V/550mA
79
1800
LH05-13B12
12V/420mA
81
1800
LH05-13B15
15V/330mA
82
1500
LH05-13B24
24V/230mA
84
330
LH10-13B03
6.6W
3.3V/2000mA
70
26000
LH10-13B05
10W
5V/2000mA
76
9400
LH10-13B09
9V/1100mA
78
3600
LH10-13B12
12V/900mA
80
2400
LH10-13B15
15V/700mA
81
1200
LH10-13B24
24V/450mA
82
370
LH15-13B03
9.9W
3.3V/3000mA
74
36000
LH15-13B05
14W
5V/2800mA
78
20000
LH15-13B09
15W
9V/1600mA
79
6000
LH15-13B12
12V/1250mA
82
3000
LH15-13B15
15V/1000mA
82
3000
LH15-13B24
24V/625mA
84
900
LH15-13B48
48V/320mA
85
370
LH20-13B03
13.5W
3.3V/3500mA
75
48000
LH20-13B05
17.5W
5V/3500mA
78
12240
LH20-13B09
20W
9V/2100mA
79
5600
LH20-13B12
12V/1600mA
83
5400
LH20-13B15
15V/1300mA
84
2400
LH20-13B24
24V/850mA
85
1840
LH25-13B03
13.5W
3.3V/4100mA
75
48000
LH25-13B05
20.5W
5V/4100mA
78
12240
LH25-13B09
25W
9V/2500mA
79
5600
LH25-13B12
12V/2100mA
83
5400
LH25-13B15
15V/1600mA
84
2400
LH25-13B24
24V/1100mA
85
1440
LH25-13B48
48V/500mA
87
800


Similar Part No. - LH20-13B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH20-13B03 MORNSUN-LH20-13B03 Datasheet
265Kb / 6P
   AC-DC CONVERTER
More results

Similar Description - LH20-13B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com