Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD501D485 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # TD501D485
Description  Isolation transceiver module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD501D485 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TD501D485 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD501D485 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD501D485 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TD501D485 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Industrial Bus
TDx01D485 Series
2015.09.16-A/3
Page 2 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
General Specifications
Item
Operating Conditions
Value
Electric Isolation
Two-terminal isolation (input and output are mutually isolated)
Degree of Isolation
testing for 1 minute, leakage
current <5mA, humidity <95%
2.5KVDC
Operating Temperature
-40℃~+85℃
Transportation and Storage
Temperature
-50℃~+105℃
Operating Humidity
10%~90%
Temperature rising
Ta=25℃
25℃ (Typ.)
Application Environment
The presence of dust, fierce vibration, impulsion and corrosive
gas may cause damage to the product
Physical Specifications
Casing Material
Black flame-retardant heat-proof plastic (UL94-V0)
Package
DIP10
Weight
About 10g
Cooling Method
Free air convection
EMC Specifications
EMI
Conducted Disturbance
CISPR22/EN55022
CLASS A (see 2-② for recommended circuit)
Radiated Emission
CISPR22/EN55022
CLASS A (see 2-② for recommended circuit)
EMS
Electrostatic Discharge
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
EFT
IEC/EN61000-4-4
Power supply port ±2KV
(see 2-① for recommended circuit)
perf. Criteria B
IEC/EN61000-4-4
Signal port ±1KV
(see 2-③ for recommended circuit)
perf. Criteria B
Surge Immunity
IEC/EN61000-4-5
Power supply port ±1KV
(see 2-① for recommended circuit)
perf. Criteria B
Signal port ±0.25KV/±0.5KV
(see 2-③ for recommended circuit)
perf. Criteria B
Signal port ±0.5KV/±1KV
(see 2-③ for recommended circuit)
perf. Criteria B
Signal port ±1KV/±2KV
(see 2-③ for recommended circuit)
perf. Criteria B
Signal port ±2KV/±4KV
(see 2-③ for recommended circuit)
perf. Criteria B
Signal port ±4KV/±6KV
(see 2-③ for recommended circuit)
perf. Criteria B
Application Precautions
1. Please read the technical manual carefully before use; contact our technical support if you have any problem.
2. Do not use the product in hazardous areas.
3. Use DC power supply for the product and 220V AC power supply is prohibited.
4. Do not dismount and assemble the product without permission to avoid failure or malfunction of equipment.
After-sales service
1. Ex-factory inspection and quality control have been strictly conducted for the product; if there occurs abnormal operation or possibility
of failure of internal module, please contact the local representative or our technical support.
2. The warranty period for the product is 3 years as calculated from the date of delivery. If any quality problem occurs under normal use
within the warranty period, the product can be repaired or changed for free.
Applied circuit
See
Application Notes for Isolated Transmitter for details.


Similar Part No. - TD501D485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD501D485 MORNSUN-TD501D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H MORNSUN-TD501D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H MORNSUN-TD501D485H Datasheet
253Kb / 4P
   Industrial Bus
TD501D485H-A MORNSUN-TD501D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD501D485H-E MORNSUN-TD501D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
More results

Similar Description - TD501D485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
   Isolation transceiver module
logo
Guangzhou Reicu Electro...
PCM8251AT REICU-PCM8251AT Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
PCM1051A REICU-PCM1051A Datasheet
5Mb / 1P
   CAN Isolation transceiver module
REV:20.1
RE3485ECHT REICU-RE3485ECHT Datasheet
5Mb / 1P
   485 Enhanced Isolation Transceiver Module
REV:15.4
logo
MORNSUN Science& Techno...
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
349Kb / 3P
   SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com