Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV15-27B24R2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # PV15-27B24R2
Description  DC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PV15-27B24R2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  PV15-27B24R2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PV15-27B24R2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PV15-27B24R2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. PV15-27B24R2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. PV15-27B24R2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. PV15-27B24R2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. PV15-27B24R2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DC/DC Converter
PVxx-27BxxR2 Series
2015.02.27-A/1
Page 1 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
New energy isolation converter with
Ultra-wide & ultra-high input voltage of 100-1000VDC
FEATURES
Input voltage up to 1000VDC
10:1 ultra-wide input voltage range: 100 ~ 1000VDC
Industrial grade operating temperature: -40℃~70℃
4000VAC high isolation voltage
High efficiency, Low ripple& noise
Output over-voltage, short circuit protection
(automatic recovery), Input against reverse
protection
Meet CE
certification standards
High reliability, long life, three years warranty
RoHS
PVxx-27BxxR2 series are regulated output DC/DC converters with features of 100-1000VDC ultra-wide and ultra-high voltage input, high
efficiency and high reliability. They can be widely used in photovoltaic power generation, high-voltage inverter and so on, which provide
stable operating voltage to the equipment and improve the power and the load's safety performance with multiple protection when
working under abnormal conditions.
Selection Guide
Certification
Model*
Output Power
Nominal Output Voltage and
Current(Vo/Io)
Efficiency
(200VDC, %/Typ.)
Max. Capacitive Load(μF)
(Full load)
CE
PV05-27B05R2
5W
5V/1A
72
6000
PV10-27B05R2
10W
5V/2A
72
6000
PV10-27B09R2
10W
9V/1.11A
76
4000
PV10-27B24R2
10W
24V/0.42A
80
470
PV15-27B12R2
15W
12V/1.25A
77
2000
PV15-27B15R2
15W
15V/1A
78
1200
PV15-27B24R2
15W
24V/0.625A
80
470
Note:*Part No. with suffix of “A2” means chassis mounting, suffix of “A3” means chassis mounting and suffix of “A4” means DIN-Rail mounting (e.g.
PV05-27B05R2A2 means chassis mounting; PV05-27B05R2A2 means chassis mounting; PV05-27B05R2A4 means DIN-Rail mounting), chassis mounting and DIN-Rail
mounting don’t have CE certification.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
100
--
1000
VDC
Input Current
PV05 model
200VDC
--
--
38
mA
600VDC
--
--
15
1000VDC
--
--
10
PV10 model
200VDC
--
--
75
600VDC
--
--
25
1000VDC
--
--
16
PV15 model
200VDC
--
--
120
600VDC
--
--
40
1000VDC
--
--
22
Inrush Current
200VDC
--
7
--
A
600VDC
--
20
--
1000VDC
--
30
--
External Input Fuse(chassis mounting and DIN-Rail
mounting
package series include fuse)
PV05/ PV10 model
Necessary, 1A Slow fusing
PV15 model
Necessary, 2A Slow fusing
Hot Plug
Unavaliable


Similar Part No. - PV15-27B24R2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PV15-27B24 MORNSUN-PV15-27B24 Datasheet
148Kb / 3P
   NEW POWER SOURCES 100-1200VDC OVERWIDE AND OVERHIGH INPUT VOLTAGE ISOLATION CONVERTER
More results

Similar Description - PV15-27B24R2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com