Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV15-27B12R2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # PV15-27B12R2
Description  DC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PV15-27B12R2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  PV15-27B12R2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PV15-27B12R2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PV15-27B12R2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. PV15-27B12R2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. PV15-27B12R2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. PV15-27B12R2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. PV15-27B12R2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DC/DC Converter
PVxx-27BxxR2 Series
2015.02.27-A/1
Page 4 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
PV10-27B05R2
PV10-27B09R2
PV10-27B24R2
50
55
60
65
70
75
80
85
90
95
100
100
200
400
600
800
1000
Input Voltage(VDC)
Efficiency Vs Input Voltage(Full Load)
PV10-27B05R2
PV10-27B09R2
PV10-27B24R2
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Power Percentage(%)
Efficiency Vs Output Load(Vin=500VDC)
PV15-27B12R2
PV15-27B15R2
PV15-27B24R2
60
65
70
75
80
85
90
100
200
400
600
800
1000
Input Voltage(VDC)
Efficiency Vs Input Voltage(Full Load)
PV15-27B12R2
PV15-27B24R2
PV15-27B15R2
50
55
60
65
70
75
80
85
90
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
Efficiency Vs Output Load(Vin=500VDC)
Design Reference
1. Typical application circuit
+Vo
-Vo
TVS
+
+INPUT
-INPUT
+Vin
-Vin
MOV
FUSE
NTC
C1 C2
RL
DCDC
Fig. 1
Model
FUSE
MOV
NTC
C1(μF)
C2(μF)
TVS
PV05-27B05R2
1A
slow fusing
TVR14142
(Thinking)
10D-11
1
220
SMBJ7.0A
PV10-27B05R2
220
SMBJ7.0A
PV10-27B09R2
120
SMBJ12A
PV10-27B24R2
68
SMBJ33A
PV15-27B12R2
2A
slow fusing
120
SMBJ15A
PV15-27B15R2
120
SMBJ20A
PV15-27B24R2
68
SMBJ33A
Note:
Output filtering capacitor C2 is electrolytic capacitor, it is recommended to apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitance withstand voltage derating should be 80% or above. C1 is
ceramic capacitor, which is used to filter high-frequency noise. TVS is a recommended component to protect post-circuits if converter fails.
2. EMC solution-recommended circuit
+
+
+
+
+INPUT
-INPUT
R3
R4
R5
R6
C3
C4
C5
C6
+Vin
-Vin
+Vo
-Vo
LDM
MOV
NTC
FUSE
C2
C1
TVS
RL
+
DC/DC
LCM
Fig 2(Output external circuit refer to the typical application circuit)


Similar Part No. - PV15-27B12R2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PV15-27B12 MORNSUN-PV15-27B12 Datasheet
148Kb / 3P
   NEW POWER SOURCES 100-1200VDC OVERWIDE AND OVERHIGH INPUT VOLTAGE ISOLATION CONVERTER
More results

Similar Description - PV15-27B12R2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com