Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH40-10A05 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH40-10A05
Description  40W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH40-10A05 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH40-10A05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH40-10A05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH40-10A05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH40-10A05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH40-10A05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH40-10A05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH40-10A05 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AC/DC Converter
LH40 Series
2015.03.02-A/3
Page 1 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
40W, AC/DC converter
RoHS
FEATURES
Wide Input voltage range:
85~264VAC/100~370VDC
Low standby power consumption: 0.5W,
conversion efficiency up to 84%
Output short circuit, over-current, over-voltage
protection
Meet IEC61000, UL60950 and EN60950 standards
Mounting: PCB mounting, Chassis mounting,
DIN-Rail mounting available
LH40 series is a 40W efficient environmental-protection AC-DC module power supply, which has advantages such as universal input
voltage, accept either AC or DC input, high efficiency, high reliability, low power consumption and high safety isolation. The series products
are widely used in industries such as industrial control, office.
Note: Please refer to Design Reference when module being used in a bad EMC environment.
Selection Guide
Certification
Part No.*
Output Power
Nominal Output Voltage and Current
Efficiency
(230VAC, %/Typ.)
Max. Capacitive
Load(μF)
(Vo1/Io1)
(Vo2/Io2)
UL/CE
LH40-10B03
26.4W
3.3VDC/8000mA
--
78
60000
LH40-10B05
40W
5VDC/8000mA
--
82
40000
LH40-10B09
9VDC/4444mA
--
84
12000
LH40-10B12
12VDC/3333mA
--
84
9000
LH40-10B15
15VDC/2666mA
--
84
7000
LH40-10B24
24VDC/1667mA
--
84
2000
--
LH40-10D0512-13
5VDC/5000mA
12VDC/1250mA
82
10000/470
LH40-10D0524-06
5VDC/5000mA
24VDC/625mA
82
10000/400
LH40-10A05
+5VDC/4000mA
-5VDC/4000mA
82
±12000
LH40-10A12
+12VDC/1666mA
-12VDC/1666mA
84
±4400
LH40-10A15
+15VDC/1333mA
-15VDC/1333mA
84
±1000
Note:*product model with a suffix of “A5” means chassis mounting and that with a suffix of “A6” indicates DIN-Rail mounting (e.g. LH40-10B05A5 means chassis
mounting; LH40-10B05A6 means DIN-Rail mounting).
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
100
--
370
VDC
Input frequency
47
--
440
Hz
Input current
115VAC
--
--
1.0
A
230VAC
--
--
0.6
Inrush current
115VAC
--
30
--
230VAC
--
50
--
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
LH40-10Bxx
Main output
--
±2
--
%
LH40-10Axx
Main output / Secondary output
--
±2
--
LH40-10Dxx
Main output
--
±2
--
Secondary output
--
±5
--


Similar Part No. - LH40-10A05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH40-10A05 MORNSUN-LH40-10A05 Datasheet
566Kb / 5P
   40W竊?AC-DC CONVERTER
More results

Similar Description - LH40-10A05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE40-20B03 MORNSUN-LHE40-20B03 Datasheet
1Mb / 6P
   40W, AC/DC converter
LH40-13B12 MORNSUN-LH40-13B12 Datasheet
917Kb / 5P
   40W, AC/DC converter
LH40-10D0524-12 MORNSUN-LH40-10D0524-12 Datasheet
667Kb / 3P
   40W, AC/DC converter
LH40-10B03 MORNSUN-LH40-10B03 Datasheet
566Kb / 5P
   40W竊?AC-DC CONVERTER
logo
Murata Power Solutions ...
MVAD040-12 MURATA-PS-MVAD040-12 Datasheet
258Kb / 5P
   40W 2" x 4" AC-DC Power Supply Converter
MVAD040-05 MURATA-PS-MVAD040-05 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
logo
Delta Electronics, Inc.
S24SP12004 DELTA-S24SP12004 Datasheet
636Kb / 6P
   40W Single Output DC/DC Converter
logo
Murata Power Solutions ...
MVAD040-24 MURATA-PS-MVAD040-24 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
MVAD040-48 MURATA-PS-MVAD040-48 Datasheet
282Kb / 6P
   40W 2 x 4 AC-DC Power Supply Converter
logo
HY-LINE Power Component...
P40A24S3P3 HY-LINE-P40A24S3P3 Datasheet
152Kb / 2P
   40W DC-DC Converter P40A-Series
Rev: 11 / 2004 f
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com