Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH05-10D0505-01 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH05-10D0505-01
Description  5W, AC-DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH05-10D0505-01 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH05-10D0505-01 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH05-10D0505-01 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH05-10D0505-01 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH05-10D0505-01 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH05-10D0505-01 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH05-10D0505-01 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH05-10D0505-01 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AC/DC Converter
LH05 Series
2015.08.24-B/3
Page 3 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Safety Class
CLASS I
MTBF
MIL-HDBK-217F@25°C > 300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Dimension
Horizontal package
48.50*36.00*20.50 mm
A2 chassis mounting
96.10*54.00*29.00 mm
A3 chassis mounting
99.00*54.00*29.00 mm
A4 Din-Rail mounting
96.10*54.00*33.60 mm
Weight
Horizontal package/A2 chassis mounting
/A3 chassis mounting/A4 Din-Rail mounting
55g/100g/100g/140g(Typ.)
Cooling method
Free air convection
EMC Specifications
EMI
CE
CISPR22/EN55022, CLASS B
RE
CISPR22/EN55022, CLASS B
EMS
ESD
IEC/EN61000-4-2
±6KV/±8KV
Perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 5 for recommended circuit)
perf. Criteria B
Surge
IEC/EN61000-4-5
±1KV/±2KV
perf. Criteria B
IEC/EN61000-4-5
±2KV/4KV (See Fig. 5 for recommended circuit)
perf. Criteria B
EMS
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-11
0%-70%
perf. Criteria B
Product Characteristic Curve
-25
100
70
20
40
Ambient Temperature( )
Temperature Derating Curve
Input voltage:85~264VAC
100~370VDC
-10
55
70
100
240
85
264
20
40
100
60
80
75
Input Voltage
Ambient temperature:25
Input Voltage Derating Curve
VAC
120
340
100
370 VDC
Note: ①When input 85~100VAC/240~264VAC/100~120VDC/340~370VDC, it need to be voltage derated on basis of temperature derating;
This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.


Similar Part No. - LH05-10D0505-01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10D0505-01 MORNSUN-LH05-10D0505-01 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH05-10D0505-01 MORNSUN-LH05-10D0505-01 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH05-10D0505-01

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com