Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH15-10A15 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LH15-10A15
Description  15W, AC-DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-10A15 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LH15-10A15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-10A15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-10A15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-10A15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-10A15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH15-10A15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH15-10A15 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC/DC Converter
LH15 Series
2015.8.24-B/3
Page 4 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1. Typical application circuit
FUSE
+Vo
AC(L)
AC(N)
-Vo
AC(N)
C2
C1
RL
TVS1
AC(L)
AC DC
MO V
Fig. 1: Typical application circuit
FUSE
+Vo
AC(L)
AC(N)
-Vo
AC(N) C om
C 4
C 2
C 1
C 3
RL
TV S1
TV S2
RL
AC(L)
AC DC
MO V
Fig. 2: LH15-10Axx (Dual Output) series typical application circuit
+
-
C1
C4
C3
C2
-
Vo1
Vo2
TVS1
TVS2
RL
RL
FUSE
AC(L)
AC(N)
AC(N)
+
AC(L)
ACDC
M OV
Fig. 3: LH15-10Dxx (Isolate Twin Output) series typical application
circuit
+
C1
C4
C3
C2
-
Vo1
Com
TVS1
TVS2
RL
RL
FUSE
AC(L)
AC(N)
AC(N)
AC(L)
ACDC
MO V
+Vo2
C6
C5
TVS3
RL
-Vo2
Fig. 4: LH15-10Cxx (Triple Output) series typical application circuit
Model
C2(µF)
C4(µF)
C6(µF)
TVS1
TVS2
TVS3
LH15-10B03
680
SMBJ7.0A
LH15-10B05
680
SMBJ7.0A
LH15-10B09
470
SMBJ12A
LH15-10B12
220
SMBJ20A
LH15-10B15
220
SMBJ20A
LH15-10B24
68
SMBJ30A
LH15-10B48
33
SMBJ64A
LH15-10A05
470
470
SMBJ7.0A
SMBJ7.0A
LH15-10A12
220
220
SMBJ20A
SMBJ20A
LH15-10A15
120
120
SMBJ20A
SMBJ20A
LH15-10A24
68
68
SMBJ30A
SMBJ30A
LH15-10C0505-05
470
220
220
SMBJ7.0A
SMBJ7.0A
SMBJ7.0A
LH15-10C0512-02
470
120
120
SMBJ7.0A
SMBJ20A
SMBJ20A
LH15-10C0515-02
470
120
120
SMBJ7.0A
SMBJ20A
SMBJ20A
LH15-10C0524-01
470
120
120
SMBJ7.0A
SMBJ30A
SMBJ30A
LH15-10D0505-08
470
470
SMBJ7.0A
SMBJ7.0A
LH15-10D0512-04
470
220
SMBJ7.0A
SMBJ20A
LH15-10D0515-03
470
120
SMBJ7.0A
SMBJ20A
LH15-10D0524-02
470
47
SMBJ7.0A
SMBJ30A
Note:
Note: Output filtering capacitors C2, C4, C6 are electrolytic capacitors, it is recommended to use high frequency and low impedance electrolytic capacitor.
For capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitor withstand voltage derating should be 80% or above. C1,C3, C5
are ceramic capacitors, which is used to filter high-frequency noise,advice use 1μF. TVS is a recommended component to protect post-circuits if converter
fails.External input MOV model is recommended to use S14K300.


Similar Part No. - LH15-10A15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10A15 MORNSUN-LH15-10A15 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH15-10A15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
LH15-10D0524-04 MORNSUN-LH15-10D0524-04 Datasheet
384Kb / 4P
   15W, AC-DC CONVERTER
LHE15-20B03 MORNSUN-LHE15-20B03 Datasheet
1Mb / 5P
   15W, AC-DC converter
LO15-22C0612-04 MORNSUN-LO15-22C0612-04 Datasheet
1,011Kb / 3P
   15W, AC-DC converter
LHE15-20A05 MORNSUN-LHE15-20A05 Datasheet
1Mb / 6P
   15W, AC-DC converter
LO15-10B03 MORNSUN-LO15-10B03 Datasheet
859Kb / 3P
   15W, AC-DC converter
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
   15W DC-DC CONVERTER
December 1993
logo
List of Unclassifed Man...
WDD15-03S4 ETC-WDD15-03S4 Datasheet
152Kb / 3P
   DC-DC CONVERTER 12 - 15W
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
logo
List of Unclassifed Man...
P15D ETC1-P15D Datasheet
206Kb / 2P
   15W DC-DC Converter P15D-Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com