Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH60-20B09 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LH60-20B09
Description  60W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH60-20B09 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LH60-20B09 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH60-20B09 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH60-20B09 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH60-20B09 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH60-20B09 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH60-20B09 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH60-20B09 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC/DC Converter
LH60-20Bxx(-DT) Series
2015.02.27-A/4
Page 4 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5V Output
12V Output
24V Output
80
81
82
83
84
85
86
87
88
89
90
90
100
115
150
180
200
230
264
Input Voltage(VAC)
Efficiency Vs Input Voltage(Full Load)
5V Output
12V Output
24V Output
80
81
82
83
84
85
86
87
88
89
90
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
Efficiency Vs Output Load(Vin=230VAC)
Design Reference
1. Typical application circuit
AC(L)
+Vo
-Vo
AC(L)
AC(N)
AC(N)
C1
C2
TV S
LOAD
FUSE
AC /D C
MO V1
NTC
Fig. 1
Model
C1(μF)
C2(μF)
TVS tube
LH60-20B05(-DT)
1
680
SMBJ7.0A
LH60-20B09(-DT)
470
SMBJ12A
LH60-20B12(-DT)
330
SMBJ20A
LH60-20B15
330
SMBJ20A
LH60-20B24
200
SMBJ30A
LH60-20B48
100
SMBJ64A
Note: Output filtering capacitor C2 is electrolytic capacitor, it is recommended to use high frequency and low impedance electrolytic capacitor. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitor withstand voltage derating should be 80% or above. C1 is ceramic
capacitor, which is used to filter high-frequency noise. TVS is a recommended component to protect post-circuits if converter fails. External input FUSE model is
recommended to use 3.15A/250VAC, slow fusing. External input NTC model is recommended to use 5D-9. External input MOV model is recommended to use
S14K350.
2. EMC solution-recommended circuit
AC(N)
AC(L)
LCM
AC(N)
AC(L)
AC/DC
MOV1
MOV2
CX
MOV4
MOV5
R1
CY2
CY1
GDT4
MOV3
+Vo
-Vo
NTC
FUSE
C1
C2
TVS
LOAD
Fig 2
(Output external circuit refer to the typical application circuit)
EMC solution-recommended circuit PCB layout
Fig 3
Note: Suggestions for safety regulation and wiring width: wire width ≥3mm, distance between wires ≥6mm, and distance between wire and ground ≥6mm
Element model
Recommended value
Element model
Recommended value
MOV1
S20K350
CY2
2.2nF /400VAC
MOV2
S14K350
R1
1MΩ/2W
MOV3
S14K350
LCM
2.2 mH,
recommended to use MORNSUN’s FL2D-30-222;
MOV4
S10K350
GDT4
B5G3600
MOV5
S10K350
NTC
5D-14
CX
0.15μF/300VAC
FUSE
3.15A/250V, slow fusing, necessary
CY1
2.2nF/400VAC
--
--


Similar Part No. - LH60-20B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B09 MORNSUN-LH60-20B09 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LH60-20B09-DT MORNSUN-LH60-20B09-DT Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
More results

Similar Description - LH60-20B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05 Datasheet
615Kb / 5P
   60W,AC-DC CONVERTER
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com