Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2405XT-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # F2405XT-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

F2405XT-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  F2405XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. F2405XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. F2405XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. F2405XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. F2405XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
F_XT-1WR2 Series
2015.04.14-A/4
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
1W, Fixed input voltage, isolated & unregulated
single output
Patent Protection RoHS
FEATURES
Continuous short-circuit protection
Operating temperature range: -40℃ to +105℃
High efficiency up to80%
SMD package
Isolation voltage: 3K VDC
Low ripple & noise
International standard pin-out
F_XT-1WR2 series are specially designed for applications where an isolated voltage is required in a distributed power supply system. They are
suitable for
1.
Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.
Where isolation between input and output is necessary (isolation voltage ≤3000VDC);
3.
Where the output voltage regulation is not strictly required;
4.
Typical application: preceding-stage interference isolation condition; ground-interference canceled condition; digit circuit condition;
Voltage-isolation converting condition; normal low-frequency artificial circuit condition; relay drive circuit condition, etc.
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@FullLoad
Max. Capacitive
Load
(μF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
UL
F0303XT-1WR2
3.3
(2.97-3.63)
3.3
303/30
65/69
220
F0305XT-1WR2
5
200/20
70/74
F0503XT-1WR2
5
(4.5-5.5)
3.3
303/30
68/72
F0505XT-1WR2
5
200/20
76/80
F0506XT-1WR2
6
167/17
76/80
F0509XT-1WR2
9
111/12
76/80
F0512XT-1WR2
12
84/9
76/80
F0515XT-1WR2
15
67/7
76/80
F0524XT-1WR2
24
42/4
76/80
F1203XT-1WR2
12
(10.8-13.2)
3.3
303/30
68/72
F1205XT-1WR2
5
200/20
76/80
F1209XT-1WR2
9
111/12
76/80
F1212XT-1WR2
12
84/9
76/80
F1215XT-1WR2
15
67/7
76/80
--
F1224XT-1WR2
24
42/4
76/80
F1515XT-1WR2
15
(13.5-16.5)
15
67/7
76/80
UL
F2405XT-1WR2
24
(21.6-26.4)
5
200/20
76/80
F2409XT-1WR2
9
111/12
76/80
F2415XT-1WR2
15
67/7
76/80
F2424XT-1WR2
24
42/4
76/80
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current
(full load / no-load)
3.3V input
--
404/25
--/70
mA
5V input
--
250/20
--/60
12V input
--
104/15
--/50
15V input
--
82/10
--/35
24V input
--
52/7
--/30


Similar Part No. - F2405XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
F2405XT-1WR2 MORNSUN-F2405XT-1WR2 Datasheet
327Kb / 4P
   DC/DC Converter
More results

Similar Description - F2405XT-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com