Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH05-10B24 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH05-10B24
Description  5W, AC-DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH05-10B24 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH05-10B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH05-10B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH05-10B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH05-10B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH05-10B24 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH05-10B24 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH05-10B24 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AC/DC Converter
LH05 Series
2015.08.24-B/3
Page 1 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5W, AC-DC converter
FEATURES
Universal input range:85~264VAC, 100~370VDC
Regulated output, low ripple and noise
Over-current, short circuit and over- voltage
protection
Plastic case, meets UL94V-0
Meet UL60950,EN60950 standards
3 years product warranty
PCB mounting, Chassis mounting, DIN-Rail mounting
E235235 RoHS
LH05 series -----a compact size power converter offered by Mornsun. It features universal input voltage, taking both DC and AC input
voltage, low power consumption, high efficiency, high reliability, safer isolation. It offers good EMC performance, which meet
IEC/EN61000-4, CISPR22/EN55022, UL60950 and EN60950 standards, and it’s widely used in industrial, office and civil applications. For harsh
EMC environment, the application circuit in the datasheet is strongly recommended.
Selection Guide
Certification
Part No.*
Output Power
Nominal Output Voltage and
Current
Efficiency
(230VAC, %/Typ.)
Max. Capacitive
Load(µF)
(Vo1/Io1)
(Vo2/Io2)
Vo1
Vo2
UL/CE
LH05-10B03
4W
3.3V/1250mA
--
70
8100
--
LH05-10B05
5W
5V/1000mA
--
75
6800
--
LH05-10B09
9V/550mA
--
77
1200
--
LH05-10B12
12V/420mA
--
79
1000
--
LH05-10B15
15V/330mA
--
80
680
--
LH05-10B24
24V/230mA
--
82
270
--
--
LH05-10A05
+5V/500mA
-5V/500mA
75
1480
1480
LH05-10A12
+12V/210mA
-12V/210mA
79
130
130
LH05-10A15
+15V/160mA
-15V/160mA
79
110
110
LH05-10A24
+24V/100mA
-24V/100mA
80
16
16
LH05-10C0505-01
5V/800mA
±5V/100mA
70
2400
370
LH05-10C0512-01
5V/600mA
±12V/100mA
73
1600
170
LH05-10C0515-01
5V/600mA
±15V/80mA
74
1760
80
LH05-10C0524-01
5V/600mA
±24V/50mA
75
1170
50
LH05-10D0505-01
5V/900mA
5V/100mA
71
3360
370
LH05-10D0512-01
5V/750mA
12V/100mA
73
2400
170
LH05-10D0515-01
5V/700mA
15V/100mA
73
2160
170
LH05-10D0524-01
5V/600mA
24V/100mA
75
3000
100
Note: *About LH05-10AXX,we use Vo2 as sampling feedback;and all others use Vo1 as sampling feedback.
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
100
--
370
VDC
Input frequency
47
--
63
Hz


Similar Part No. - LH05-10B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B24 MORNSUN-LH05-10B24 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH05-10B24 MORNSUN-LH05-10B24 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH05-10B24E MORNSUN-LH05-10B24E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
More results

Similar Description - LH05-10B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com