Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH10-10B03 Datasheet(PDF) 7 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B03
Description  10W, AC-DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B03 Datasheet(HTML) 7 Page - MORNSUN Science& Technology Ltd.

  LH10-10B03_15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B03_15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B03_15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B03_15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10B03_15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10B03_15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10B03_15 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AC/DC Converter
LH10 Series
2015.08.24-B/3
Page 7 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Note:
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com. Packing
bag number of Horizontal package : 58220006, the Packing bag number of A2/A3/A4 package:58220010;
2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all
parameters in the datasheet;
3. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25 ℃, humidity<75% with nominal
input voltage and rated output load;
4. All index testing methods in this datasheet are based on our Company’s corporate standards;
5. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model
products may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
6. We can provide product customization service;
7. Specifications are subject to change without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - LH10-10B03_15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B03 MORNSUN-LH10-10B03 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10B03 MORNSUN-LH10-10B03 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH10-10B03_15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE10-20D0512-02ER2 MORNSUN-LHE10-20D0512-02ER2 Datasheet
1Mb / 5P
   10W, AC-DC converter
LD10-20B03 MORNSUN-LD10-20B03_15 Datasheet
2Mb / 6P
   10W, AC/DC converter
LHE10-20A05 MORNSUN-LHE10-20A05 Datasheet
1Mb / 6P
   10W, AC-DC converter
LD10-26B03 MORNSUN-LD10-26B03 Datasheet
1Mb / 6P
   10W, AC/DC converter
LHE10-20B03 MORNSUN-LHE10-20B03 Datasheet
1Mb / 6P
   10W, AC-DC converter
LDE10-20B03 MORNSUN-LDE10-20B03 Datasheet
1Mb / 5P
   10W, AC/DC converter
logo
Minmax Technology Co., ...
MDWI10 MINMAX-MDWI10 Datasheet
489Kb / 5P
   DC-DC CONVERTER 10W
logo
HY-LINE Power Component...
P10C24S33W HY-LINE-P10C24S33W Datasheet
303Kb / 2P
   10W DC-DC Converter P10C-Series
Rev: 9 / 05 f
P10F243R3S HY-LINE-P10F243R3S Datasheet
286Kb / 3P
   10W DC-DC Converter P10F-Series
Rev: 2.10 f
logo
List of Unclassifed Man...
P10D ETC2-P10D Datasheet
174Kb / 2P
   10W DC-DC Converter P10D-Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com