Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD05-20B09 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # LD05-20B09
Description  5W, AC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-20B09 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LD05-20B09 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LD05-20B09 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AC/DC Converter
LD05-20Bxx Series
2015.03.18-B/1
Page 2 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
3.3V output
--
±3
--
%
Other output
--
±2
--
Line Regulation
Full load
--
±0.5
--
Load Regulation
10%-100% load
--
±1
--
Ripple & Noise*
20MHz bandwidth
(peak-peak value)
3.3V/5V output
--
60
120
mV
Other output
--
50
100
Temperature Coefficient
--
±0.02
--
%/℃
Stand-by Power Consumption
--
--
0.3
W
Short Circuit Protection
Hiccup, continuous, self-recovery
Over-current Protection
110%Io self-recovery
Over-voltage Protection
Over-voltage shutdown
Hold-up Time
110VAC input
--
12
--
ms
230VAC input
--
80
--
Note: * Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
4000
--
--
VAC
Operating Temperature
-25
--
+70
Storage Temperature
-25
--
+105
Storage Humidity
--
--
95
%RH
Switching Frequency
--
--
140
KHz
Power Derating
+55℃~+70℃
2.0
--
--
%/℃
+0℃~-25℃
2.0
--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety Certification
EN60950/UL60950 (Pending)
Safety Class
CLASS I I
MTBF
MIL-HDBK-217F@25℃ > 300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic
(UL94-V0)
Dimension
Horizontal package/A2 chassis mounting/A4 Din-Rail mounting /
A2S chassis mounting/A4S Din-Rail mounting
Refer to the Dimensions
Weight
Horizontal package/A2 chassis mounting/A4 Din-Rail mounting /
A2S chassis mounting/A4S Din-Rail mounting
31g/80g /121g /52g /70g (Typ.)
Cooling Method
Free convection
EMC Specifications
EMI
CE
CISPR22/EN55022, CLASS B
RE
CISPR22/EN55022, CLASS B
EMS
ESD
IEC/EN61000-4-2 ±6KV/8KV
perf. Criteria B
RS
IEC/EN61000-4-3 10V/m
perf. Criteria A
EFT
IEC/EN 61000-4-4 ±2KV
perf. Criteria B
IEC/EN 61000-4-4 ±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge
IEC/EN 61000-4-5 ±1KV
perf. Criteria B
IEC/EN 61000-4-5 ±2KV/±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
CS
IEC/EN61000-4-6 10Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8 10A/m
perf. Criteria A
Voltage dips, short interruptions and
voltage variations immunity
IEC/EN61000-4-11 0%-70%
perf. Criteria B


Similar Part No. - LD05-20B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD05-20B09 MORNSUN-LD05-20B09 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results

Similar Description - LD05-20B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com