Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E0503S-2WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # E0503S-2WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

E0503S-2WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  E0503S-2WR2_15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. E0503S-2WR2_15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. E0503S-2WR2_15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. E0503S-2WR2_15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. E0503S-2WR2_15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
E_S-2WR2 & F_S-2WR2 series
2015.04.17-A/2
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2W, Fixed input voltage, isolated & unregulated
dual /single output
Patent Protection RoHS
FEATURES
Continuous short-circuit protection
Operating temperature range: -40℃ to +105℃
High efficiency up to86%
High power density
Miniature SIP package
Isolation voltage: 3K VDC
No external component required
International standard pin-out
E_S-2WR2 & F_S-2WR2 series are specially designed for applications where an isolated voltage is required in a distributed power supply
system. They are suitable for
1.
Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.
Where isolation between input and output is necessary (isolation voltage ≤3000VDC);
3.
Where the output voltage regulation and the ripple & noise of the output voltage is not strictly required;
4.
Typical application: digit circuit condition; normal low-frequency artificial circuit condition; relay drive circuit and data switching circuit
condition, etc.
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@FullLoad
Max. Capacitive
Load*
(μF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
--
E0503S-2WR2
5
(4.5-5. 5)
±3.3
±303/±30
68/72
100
UL/CE
E0505S-2WR2
±5
±200/±20
76/80
E0509S-2WR2
±9
±111/±11
80/84
E0512S-2WR2
±12
±83/±8
79/83
E0515S-2WR2
±15
±67/±7
78/82
E0524S-2WR2
±24
±42/±4
80/84
--
F0503S-2WR2
3.3
400/40
75/79
220
UL/CE
F0505S-2WR2
5
400/40
78/82
F0509S-2WR2
9
222/22
78/82
F0512S-2WR2
12
167/17
78/82
F0515S-2WR2
15
133/13
79/83
F0524S-2WR2
24
83/8
80/84
--
E1203S-2WR2
12
(10.8-13.2)
±3.3
±303/±30
71/75
100
UL/CE
E1205S-2WR2
±5
±200/±20
76/80
E1209S-2WR2
±9
±111/±11
80/84
E1212S-2WR2
±12
±83/±8
80/84
E1215S-2WR2
±15
±67/±7
80/84
F1205S-2WR2
5
400/40
78/82
220
F1209S-2WR2
9
222/22
77/81
F1212S-2WR2
12
167/17
80/84
F1215S-2WR2
15
133/13
81/85
F1224S-2WR2
24
83/8
82/86
--
E1515S-2WR2
15
(13.5-16.5)
±15
±67/±7
80/84
100
F1505S-2WR2
5
400/40
76/80
220
F1509S-2WR2
9
222/22
76/80
F1512S-2WR2
12
167/17
77/81


Similar Part No. - E0503S-2WR2_15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
E0503S-1WR2 MORNSUN-E0503S-1WR2 Datasheet
603Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
E0503S-1WR3 MORNSUN-E0503S-1WR3 Datasheet
632Kb / 5P
   1W, Fixed input voltage , isolated & unregulated dual/single output
More results

Similar Description - E0503S-2WR2_15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com