Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3701DDCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3701DDCT
Description  TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3701DDCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS3701DDCT Datasheet HTML 1Page - Texas Instruments TPS3701DDCT Datasheet HTML 2Page - Texas Instruments TPS3701DDCT Datasheet HTML 3Page - Texas Instruments TPS3701DDCT Datasheet HTML 4Page - Texas Instruments TPS3701DDCT Datasheet HTML 5Page - Texas Instruments TPS3701DDCT Datasheet HTML 6Page - Texas Instruments TPS3701DDCT Datasheet HTML 7Page - Texas Instruments TPS3701DDCT Datasheet HTML 8Page - Texas Instruments TPS3701DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
1
2
3
6
5
4
OUTB
VDD
INB
OUTA
GND
INA
TPS3701
www.ti.com
SBVS240 – NOVEMBER 2014
5 Pin Configuration and Functions
DDC Package
SOT-6
(Top View)
Pin Functions
PIN
NAME
NO.
I/O
DESCRIPTION
GND
2
Ground
Comparator A input. This pin is connected to the voltage to be monitored with the use of an
INA
3
I
external resistor divider. When the voltage at this terminal drops below the threshold voltage
VIT–(INA), OUTA is driven low.
Comparator B input. This pin is connected to the voltage to be monitored with the use of an
INB
4
I
external resistor divider. When the voltage at this terminal exceeds the threshold voltage
VIT+(INB), OUTB is driven low.
INA comparator open-drain output. OUTA is driven low when the voltage at this comparator
OUTA
1
O
is less than VIT–(INA). The output goes high when the sense voltage rises above VIT+(INA).
INB comparator open-drain output. OUTB is driven low when the voltage at this comparator
OUTB
6
O
exceeds VIT+(INB). The output goes high when the sense voltage falls below VIT–(INB).
Supply voltage input. Connect a 1.8-V to 36-V supply to VDD to power the device. It is good
VDD
5
I
analog design practice to place a 0.1-µF ceramic capacitor close to this pin.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS3701


Similar Part No. - TPS3701DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Similar Description - TPS3701DDCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 18-V Window Comparator With 400-mV Reference
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com