Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3701 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3701
Description  TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3701 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3701_15 Datasheet HTML 1Page - Texas Instruments TPS3701_15 Datasheet HTML 2Page - Texas Instruments TPS3701_15 Datasheet HTML 3Page - Texas Instruments TPS3701_15 Datasheet HTML 4Page - Texas Instruments TPS3701_15 Datasheet HTML 5Page - Texas Instruments TPS3701_15 Datasheet HTML 6Page - Texas Instruments TPS3701_15 Datasheet HTML 7Page - Texas Instruments TPS3701_15 Datasheet HTML 8Page - Texas Instruments TPS3701_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
R
1
GND
1.8 V to 36 V
OUTA
OUTB
R
2
R
3
V
MON
INA
INB
VDD
Device
RP
2
RP
1
0.1 F
m
To a reset
or enable
input of
the system.
V
0 V to 25 V
PULLUP
TJ
-40
-20
0
20
40
60
80
100
120
140
-0.16
-0.14
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
D012
INA Negative Threshold
INB Positive Threshold
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3701
SBVS240 – NOVEMBER 2014
TPS3701 36-V Window Comparator with Internal Reference
for Over- and Undervoltage Detection
1 Features
3 Description
The
TPS3701
wide-supply
voltage
window
1
Wide Supply Voltage Range: 1.8 V to 36 V
comparator operates over a 1.8-V to 36-V range. The
Adjustable Threshold: Down to 400 mV
device has two precision comparators with an internal
Open-Drain Outputs for Over- and Undervoltage
400-mV reference and two open-drain outputs (OUTA
Detection
and OUTB) rated to 25 V for over- and undervoltage
detection. Use the TPS3701 as a window comparator
Low Quiescent Current: 7 µA (typ)
or as two independent voltage monitors; set the
High Threshold Accuracy:
monitored voltage with the use of external resistors.
0.75% Over Temperature
OUTA is driven low when the voltage at the INA pin
0.25% (typ)
drops below the negative threshold, and goes high
Internal Hysteresis: 5.5 mV (typ)
when
the
voltage
returns
above
the
positive
threshold. OUTB is driven low when the voltage at
Temperature Range: –40°C to 125°C
the INB pin rises above the positive threshold, and
Package:
goes high when the voltage drops below the negative
SOT-6
threshold. Both comparators in the TPS3701 include
built-in
hysteresis
for
noise
rejection,
thereby
2 Applications
ensuring
stable
output
operation
without
false
triggering.
Industrial Control Systems
The TPS3701 is available in a SOT-6 package and is
Embedded Computing Modules
specified over the junction temperature range of
DSPs, Microcontrollers, and Microprocessors
–40°C to 125°C.
Notebook and Desktop Computers
Device Information(1)
Portable- and Battery-Powered Products
PART NUMBER
PACKAGE
BODY SIZE (NOM)
FPGA and ASIC Systems
TPS3701
SOT (6)
2.90 mm × 1.60 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Typical Application
Typical Error vs Junction Temperature
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3701_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
More results

Similar Description - TPS3701_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700 TI1-TPS3700 Datasheet
633Kb / 19P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6700 TI1-TLV6700_18 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower, 18-V Window Comparator With 400-mV Reference
logo
National Semiconductor ...
LMV7231 NSC-LMV7231 Datasheet
596Kb / 18P
   Hex Window Comparator with 1.5 Precision and 400mV Reference
logo
Texas Instruments
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com