Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL22340-02 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FEDL22340-02
Description  ADPCM Speech Synthesis LSI
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL22340-02 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FEDL22340-02 Datasheet HTML 1Page - List of Unclassifed Manufacturers FEDL22340-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers FEDL22340-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers FEDL22340-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers FEDL22340-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers FEDL22340-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers FEDL22340-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDL22340-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers FEDL22340-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
FEDL22340-02
ML22Q340/340/Q341/341
5/37
PIN DESCRIPTIONS
Pin No.
symbol
I/O
Description
11
RESET_N
I
Place this pin at a “L” level when powered on. After the supply voltage is settled,
place this pin at a “H” level.
17
16
15
14
13
EVIN0
EVIN1
EVIN2
EVIN3
EVIN4
I
Event specifying input pins.
Event execution or stop can be performed by changes in the input signals
to the activation pins set by the EVIN0 pin or Mask option
Set the unused pins to be pulled up or pulled down.
And the SEQ0 pin can specify only the SEQ pattern 6.
12
TEST
I
Input pin for testing. Fix this pin at a “L” level (GND level).
2
OSC0
I
Pin for connecting a crystal or a ceramic vibrator.
A feed back resistor (about 1 M
Ω) is included between OSC0 and OSC1 pins.
When a vibrator is used, place it as close to the LSI as possible.
3
OSC1
O
Pin for connecting a crystal or a ceramic vibrator.
When a vibrator is used, place it as close to the LSI as possible.
6
ERR
O
Error output pin for thermal detection and disconnection detection.
If disconnection detection or a higher temperature than the judgment
temperature is detected, this pin output “H”. Setting event 1 , operate the
disconnection detection.
And the 100ms “H” pulse is output right after the event start.
7
8
9
SEQ0
SEQ1
SEQ2
O
Sequencer output pins.
This pin is output SEQ pattern 01h~10h based on ROM data.
The SEQ patterns (01h to 10h) set by Mask option are output.
And the SEQ0 pin can specify only the SEQ pattern 6.
18
19
20
21
SEQ3/LED0
SEQ4/LED1
SEQ5/LED2
SEQ6/LED3
O
Sequencer output pins.
These pins can drive LED.
The patterns set by Mask option are output.
24
AOUT
O
Playback signal output pin.
When you use built-in speaker amplifier, connect with the SPIN pin.
5
VPP
*Note 1
Power supply pin for rewriting Flash memory.
Fix this pin to GND except when rewriting Flash memory.
1
VDD
Digital power supply pin.
Connect a capacitor of 0.1
µF or more between this pin and GND.
4
VDDL
Output pin of the regulator for the internal logic power supply.
Connect a electrolytic capacitor of 10 uF or more and a ceramic capacitor of 0.1
µF or more between the VDDL and GND pins.
10,22
GND
Digital ground pin.
27
SPGND
Speaker amplifier ground pin.
26
SPVDD
Speaker amplifier power supply pin.
25
SPIN
I
Analog input pin of internal speaker amplifier.
23
SG
O
Built-in speaker amplifier’s reference voltage output pin.
Connect a capacitor of 0.1 µF or more between this pin and GND.
30
SPP
O
Positive output pin of the built-in speaker amplifier.
29
SPM
O
Negative output pin of the built-in speaker amplifier.
Notes: 1. Applies to ML22Q340-NNN / ML22Q341-NNN.


Similar Part No. - FEDL22340-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
More results

Similar Description - FEDL22340-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
   ADPCM Speech Synthesis LSI
FEDL22Q394-03 ETC2-FEDL22Q394-03 Datasheet
1Mb / 42P
   ADPCM Speech Synthesis LSI
FEDL22321-01 ETC2-FEDL22321-01 Datasheet
1Mb / 35P
   ADPCM Speech Synthesis LSI
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com