Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL9472-02 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FEDL9472-02
Description  Static,1/2Duty 60 Output LCD Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL9472-02 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FEDL9472-02 Datasheet HTML 2Page - List of Unclassifed Manufacturers FEDL9472-02 Datasheet HTML 3Page - List of Unclassifed Manufacturers FEDL9472-02 Datasheet HTML 4Page - List of Unclassifed Manufacturers FEDL9472-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers FEDL9472-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers FEDL9472-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDL9472-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers FEDL9472-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers FEDL9472-02 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FEDL9472-02
LAPIS Semiconductor
ML9472
6/18
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VDD
Ta = 25
C
0.3 to 6.5
V
Input Voltage
VI
Ta = 25
C
0.3 to V
DD0.3
V
Storage Temperature
TSTG
55 to 150
C
Power Dissipation
PD
Ta
 105C
650
mW
IO1
Driver Outputs
2.0 to 2.0
mA
Output Current
IO2
Logic Outputs
2.0 to 2.0
mA
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Supply Voltage
VDD
3 to 5.5
V
LCD Driving Voltage
VLCD
VDD - VLC2
3 to VDD
V
CLOCK Frequency
fCP
0.3 to 4
MHz
Operating Temperature
Ta
40 to 105
C
OSCILLATOR CIRCUIT
Parameter
Symbol
Applicable pin
Condition
Min.
Typ.
Max.
Unit
Oscillator Resistance
R0
OSC_OUT
56
100
220
k
Oscillator Capacitance
C0
OSC_OUT
Film
capacitor
0.001
0.047
F
Current Limiting Resistance
R1
OSC_IN
R1  10R0
560
1000
2220
k
Common Signal Frequency
fCOM
COM_A
COM_B
25
150
Hz
Note: See Section, “Reference Data”, for the resistor and capacitor values in the table.
Example of an oscillator circuit:


Similar Part No. - FEDL9472-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9471-01 ETC2-FEDL9471-01 Datasheet
412Kb / 20P
   Duty 80 Output LCD Driver
logo
LAPIS Semiconductor Co....
FEDL9471-01 LAPIS-FEDL9471-01 Datasheet
412Kb / 20P
   1/3, 1/4, 1/5 Duty 80 Output LCD Driver
logo
List of Unclassifed Man...
FEDL9473-01 ETC2-FEDL9473-01 Datasheet
196Kb / 20P
   Duty 60 Output LCD Driver
FEDL9476-01 ETC2-FEDL9476-01 Datasheet
221Kb / 20P
   Duty, 16-Output LCD Driver
logo
LAPIS Semiconductor Co....
FEDL9477-01 LAPIS-FEDL9477-01 Datasheet
226Kb / 20P
   1/3 or 1/4 Duty, 32-Output LCD Driver
More results

Similar Description - FEDL9472-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9472 ETC2-ML9472 Datasheet
466Kb / 18P
   Static,1/2Duty 60 Output LCD Driver
ML9470-11 ETC2-ML9470-11 Datasheet
542Kb / 21P
   Static,1/2Duty 80 Output LCD Driver
logo
OKI electronic componet...
ML9060 OKI-ML9060 Datasheet
156Kb / 18P
   1/2 DUTY, 160-OUTPUT STATIC LCD DRIVER
logo
List of Unclassifed Man...
FEDL9473-01 ETC2-FEDL9473-01 Datasheet
196Kb / 20P
   Duty 60 Output LCD Driver
ML9473 ETC2-ML9473 Datasheet
407Kb / 20P
   1/3, 1/4, 1/5 Duty 60 Output LCD Driver
logo
New Japan Radio
NJU6541A NJRC-NJU6541A Datasheet
398Kb / 41P
   Static 1/2 1/3 1/4 Duty LCD Driver
logo
OKI electronic componet...
MSM5219B OKI-MSM5219B Datasheet
130Kb / 7P
   48-DIT STATIC LCD DRIVER
MSM58292B OKI-MSM58292B Datasheet
243Kb / 11P
   5-DIGIT STATIC LCD DRIVER
logo
EM Microelectronic - MA...
V6108 EMMICRO-V6108 Datasheet
1Mb / 8P
   40 Segment Static LCD Driver
logo
OKI electronic componet...
MSM5221 OKI-MSM5221 Datasheet
99Kb / 6P
   56-DOT STATIC LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com