Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL9286-03 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FEDL9286-03
Description  Vacuum fluorescent display tube controller driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL9286-03 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FEDL9286-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 10Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 11Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 12Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 13Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 14Page - List of Unclassifed Manufacturers FEDL9286-03 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
FEDL9286-03
ML9286-xx
11/37
Digit Output Timing (for T24 timing set, at a duty of 240/256)
Digit Output Timing (for T20 timing set, at a duty of 240/256)
COM1
COM2
COM3
COM4
COM5
COM6
GND
Frame cycle
t1 = 6144T
(t1 = 6.144ms when fOSC = 4.0 MHz)
VDISP
T=4/ fOSC
GND
VDISP
COM19
COM20
AD1-2
SEG1-35
Display timing t2 = 240T
(t2 = 240s
when fOSC = 4.0 MHz)
Blank timing
t3 = 16T
(t3 = 16s
when fOSC = 4.0 MHz)
COM1
COM2
COM3
COM4
COM5
COM6
Frame cycle
t1 = 5120T (t1 = 5.12mswhen fOSC = 4.0 MHz)
T=4/ fOSC
COM19
COM20
AD1-2
SEG1-35
Display timing
t2 = 240T
(t2 = 240s when fOSC = 4.0 MHz)
Blank timing
t3 = 16T
(t3 = 16s
when fOSC = 4.0 MHz)
GND
VDISP
GND
VDISP


Similar Part No. - FEDL9286-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9289-01 ETC2-FEDL9289-01 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
LAPIS Semiconductor Co....
FEDL9289-01 LAPIS-FEDL9289-01 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
More results

Similar Description - FEDL9286-03

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML9289 LAPIS-ML9289 Datasheet
298Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9289-01 ETC2-ML9289-01 Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
FEDL9209-01 ETC2-FEDL9209-01 Datasheet
263Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209-XX OKI-ML9209-XX Datasheet
383Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-03 ETC2-ML9286-03 Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
ML9209-01 ETC2-ML9209-01 Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9209-XX ETC2-ML9209-XX Datasheet
437Kb / 29P
   Vacuum fluorescent display tube controller driver
ML9289-XX ETC2-ML9289-XX Datasheet
471Kb / 31P
   Vacuum fluorescent display tube controller driver
logo
OKI electronic componet...
ML9209 OKI-ML9209 Datasheet
384Kb / 29P
   Vacuum fluorescent display tube controller driver
logo
List of Unclassifed Man...
ML9286-XX ETC2-ML9286-XX Datasheet
425Kb / 37P
   Vacuum fluorescent display tube controller driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com