Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL2257X-07 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FEDL2257X-07
Description  4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL2257X-07 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FEDL2257X-07 Datasheet HTML 3Page - List of Unclassifed Manufacturers FEDL2257X-07 Datasheet HTML 4Page - List of Unclassifed Manufacturers FEDL2257X-07 Datasheet HTML 5Page - List of Unclassifed Manufacturers FEDL2257X-07 Datasheet HTML 6Page - List of Unclassifed Manufacturers FEDL2257X-07 Datasheet HTML 7Page - List of Unclassifed Manufacturers FEDL2257X-07 Datasheet HTML 8Page - List of Unclassifed Manufacturers FEDL2257X-07 Datasheet HTML 9Page - List of Unclassifed Manufacturers FEDL2257X-07 Datasheet HTML 10Page - List of Unclassifed Manufacturers FEDL2257X-07 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
FEDL2257X-07
ML22Q573-NNN/ML22Q573-xxx/ML2257X-xxx
7/67
ABSOLUTE MAXIMUM RATINGS
DGND = SPGND = 0 V, Ta = 25
°C
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage
DVDD
SPVDD
−0.3 to +7.0
V
Input voltage
VIN
−0.3 to DV
DD+0.3
V
Power dissipation
PD
When the LSI is mounted on
JEDEC 4-layer board.
When SPVDD = 5V
1000
mW
Output short-circuit current
IOS
Applies to all pins except
SPM, SPP, VDDL, and VDDR.
10
mA
Applies to SPM and SPP pins.
500
mA
Applies to VDDL and VDDR pins.
50
mA
Storage temperature
TSTG
−55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
DGND = SPGND = 0 V
Parameter
Symbol
Condition
Range
Unit
DVDD, SPVDD
Power supply voltage
DVDD
SPVDD
2.7 to 5.5
V
Operating temperature
Top
−40 to +105
°C
Master clock frequency
fOSC
Min.
Typ.
Max.
MHz
3.5
4.096
4.5
FLASH CONDITIONS
DGND = SPGND = 0 V
Parameter
Symbol
Condition
Range
Unit
Operating temperature
TOP
At write/erase
0 to +70
°C
At read
−40 to +105
°C
Maximum rewrite count
CEP
10
times
Data retention period
YDR
10
years


Similar Part No. - FEDL2257X-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results

Similar Description - FEDL2257X-07

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML2282X-XXX ETC2-ML2282X-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
   Voice Synthesis IC with Built-in Mask ROM
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com