Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEDL2256X-08 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # FEDL2256X-08
Description  4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FEDL2256X-08 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button FEDL2256X-08 Datasheet HTML 47Page - List of Unclassifed Manufacturers FEDL2256X-08 Datasheet HTML 48Page - List of Unclassifed Manufacturers FEDL2256X-08 Datasheet HTML 49Page - List of Unclassifed Manufacturers FEDL2256X-08 Datasheet HTML 50Page - List of Unclassifed Manufacturers FEDL2256X-08 Datasheet HTML 51Page - List of Unclassifed Manufacturers FEDL2256X-08 Datasheet HTML 52Page - List of Unclassifed Manufacturers FEDL2256X-08 Datasheet HTML 53Page - List of Unclassifed Manufacturers FEDL2256X-08 Datasheet HTML 54Page - List of Unclassifed Manufacturers FEDL2256X-08 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
FEDL2256X-08
ML22Q563-NNN/ML22Q563-xxx/ML2256X-xxx
51/67
17. ERCL command
 command
1
1
1
1
1
1
1
1
The ERCL command is used to clear an error if it occurs.
If an error occurs, a “H” level is output from the ERR pin.
When the ERCL command is input, the ERR pin
outputs a ”L” level.
However, in the case of an error other than a transfer error indicated by the WCMERR bit of the RDSTAT
command, the ERR pin outputs a ”H” level and does not output a “L” level even if the ERCL command is input,
until the error state is cleared.
Timing diagram for when an error occurs at the time of setting the two-time command input mode
ERR
tCB1
(internal)
00h
01h
RDSTAT
ERR register
00h
START command
2nd times
ERCL command
1st time
ERCL command
2nd times
VOH
VOL
CSB
SCK
SI
NCRn
BUSYBn
tINTC
VIH
VIL
VOH
VOL
CBUSYB
(internal)
(internal)


Similar Part No. - FEDL2256X-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results

Similar Description - FEDL2256X-08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML2282X-XXX ETC2-ML2282X-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
   Voice Synthesis IC with Built-in Mask ROM
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com