Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-7230-J11A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LEC-7230-J11A
Description  Small Form Factor Digital Signage PC with Intel짰 Bay Trail CPU
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7230-J11A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LEC-7230-J11A Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7230-J11A Datasheet HTML 2Page - List of Unclassifed Manufacturers LEC-7230-J11A Datasheet HTML 3Page - List of Unclassifed Manufacturers LEC-7230-J11A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
connect@lannerinc.com | www.lannerinc.com
Ordering Information
LEC-7230-J11A
Fanless Industrial PC with Intel® Celeron® J1900 (2 GHz) CPU
LEC-7230-N11A
Fanless Industrial PC with Intel® Celeron® N2930 (1.83 GHz) CPU
LEC-7230-E51A
Fanless Industrial PC with Intel® Atom™ E3845 (1.91 GHz) CPU
LEC-7230-E21A
Fanless Industrial PC with Intel® Atom™ E3825 (1.33 GHz) CPU
Optional Power Cords
080W240318306
US Power Cord
080W240318305
Schuko (EU) Power Cord
080W240318301
UK Power Cord
080W240318307
China Power Cord
080W240318309
Japan Power Cord
SE9ESA900R100
Wall Mount 4
PE9ESA8300100
VESA Mount
SE9ESA8310100
Rack Mount
090W405000001
DIN Rail Mount
Optional Mounting kit
0TAWQ802XKZ03
Wi-Fi module
Wi-Fi Module, 802.11 b/g/n Mini-PCIe card
080W1Q0001501
Antenna
Internal Wi-Fi Antenna Cable
0TZW000000039
Antenna
SMA Antenna, male jack/female plug
080W0Q0000501
Antenna
Internal Antenna cable for 3G/GPS module
0TZW000000072
Antenna
3G Module External Antenna
Optional Accessories
080W1N0002001
SATA SSD/HDD cable w/ power
0P0W060120001
AC Power Adapter 60 W 12V/5A, DC Jack with lock
Standard Accessories
V.1-2015.11.02


Similar Part No. - LEC-7230-J11A

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-7230-J11A LANNER-LEC-7230-J11A Datasheet
991Kb / 4P
   Small Form Factor Digital Signage PC with Intel짰 Bay Trail CPU
More results

Similar Description - LEC-7230-J11A

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
LEC-7230 LANNER-LEC-7230 Datasheet
991Kb / 4P
   Small Form Factor Digital Signage PC with Intel짰 Bay Trail CPU
logo
List of Unclassifed Man...
LEC-7230L ETC2-LEC-7230L Datasheet
501Kb / 2P
   Compact Fanless Digital Signage IPC with Intel짰 Bay Trail CPU
logo
Lanner All Rights Reser...
LEC-7230L LANNER-LEC-7230L Datasheet
1Mb / 2P
   Compact Fanless Digital Signage IPC with Intel짰 Bay Trail CPU
logo
List of Unclassifed Man...
LVR-2010 ETC2-LVR-2010 Datasheet
881Kb / 2P
   EN50155 Certified & IP67-Rated Railway Embedded PC with Intel짰 Bay Trail-I CPU
logo
Lanner All Rights Reser...
LEC-7230M LANNER-LEC-7230M Datasheet
1Mb / 2P
   Compact Fanless All-purpose IPC with Intel짰 Bay Trail CPU
logo
List of Unclassifed Man...
LEC-2530 ETC2-LEC-2530 Datasheet
580Kb / 4P
   Industrial Gateway Controller with Intel짰 Atom E3825 CPU (Bay Trail)
LEC-7230M ETC2-LEC-7230M Datasheet
1Mb / 2P
   Compact Fanless All-purpose IPC with Intel짰 Bay Trail CPU
logo
Lanner All Rights Reser...
LEC-7233 LANNER-LEC-7233 Datasheet
1Mb / 1P
   Economical Box PC with Rich I/O and Intel짰 Bay Trail Celeron짰 N2807 CPU
LEC-7331 LANNER-LEC-7331 Datasheet
1Mb / 1P
   Fanless Surveillance Platform Powered by the Intel짰 Bay Trail CPU
LEC-7338 LANNER-LEC-7338 Datasheet
898Kb / 2P
   SFF Surveillance Platform Powered by the Intel짰 Bay Trail CPU
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com