Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-7220-N4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-7220-N4
Description  Fanless Industrial PC with Intel짰 AtomTM N2800 CPU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7220-N4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-7220-N4 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7220-N4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
connect@lannerinc.com | www.lannerinc.com
Ordering Information
LEC-7220-N4
Fanless Industrial PC with Intel® AtomTM N2800 (1.86 GHz) CPU and 4 LAN ports
LEC-7220-N6 (By Request)
Fanless Industrial PC with Intel® AtomTM N2800 (1.86 GHz) CPU and 6 LAN ports
Processor Options
Intel® AtomTM N2800 (1.86 GHz) CPU
Chipset
Intel® NM10
BIOS
AMI BIOS
System
Memory
Sockets
1 x 204-pin SODIMM socket
Technology & Max. Frequency DDR3 1066 MHz
Max. Capacity
4 GB
USB
4 x USB 2.0 compliant hosts: Type A connector
Antenna slot
SMA Antenna slot for wireless connectivity
Expansion Bus
One Mini-PCIe with SIM card reader (USB signal only)
OS Support
Microsoft Window 7/7 Embedded, Linux Cent OS 5
Storage
HDD/SSD Support
1 x 2.5” HDD/SSD drive bay
Expansion
1 x CF Type I/II socket
Networking
LAN
4 or 6 x 10/100/1000Mbps, Autosensing, RJ45
Controller
Intel 82583V x 4, ASIX AX88179 USB Gigabit Ethernet x 2 (LEC-
7220-N6 Only)
Display
Graphics Controller
Intel® integrated Graphics Media Accelerator
Display Interface
VGA x 1 (up to 1920 x 1200)
Serial I/O
DB9 for RS-232 x 2
LEDs
1 x two-stack LEDs. Yellow for storage-access status and green for
power-on status
Physical
Characteristics
Housing
Aluminum
Weight
1 kg
Dimensions (W x H x D)
198 x 42 x 145 mm (7.79” x 1.65” x 5.7”)
Mounting Options
Rack, VESA, DIN-rail and Wall mount
Environment
Operating Temperature
-20~55°C (with industrial grade components)
Storage Temperature
-20~75°C
Ambient Relative Humidity
(non-condensing)
5 to 95% (non-condensing)
Power
Input Voltage
+12 V DC with ATX power control
Power Consumption
TBD
Connector
DC jack with lock
AC Adapter
External AC/DC Adapter, 60 W DC Jack
Standard and
Regulation
EMC
CE/FCC
Green Product
RoHS
Reliability
Alerts
Built-in buzzer and real-time clock with lithium battery backup
Automatic Reboot Trigger
Watchdog timer 1~255 level time interval system reset, software
programmable
MTBF
TBD
Preliminary Specifications
Optional Power Cords
080W240318306
US Power Cord
080W240318305
Schuko (EU) Power Cord
080W240318301
UK Power Cord
080W240318307
China Power Cord
080W240318309
Japan Power Cord
SE9ESA900R100
Wall Mount 4
PE9ESA8300100
VESA Mount
SE9ESA831R100
Rack Mount
090W405000001
DIN Rail Mount
Optional Mounting kit
0TAWMC8705Z01
3G module
Green MC8705 PCI Express Mini Card 3G Module Sierra
0TAWWPER17Z01
Wi-Fi module
Green WPER-172GN 802.11b/g/n Mini PCIe module SparkLAN
080W1Q0001501
Antenna
Internal Wi-Fi Antenna Cable
0TZW000000039
Antenna
SMA Antenna, male jack/female plug
080W0Q0000501
Antenna
Internal Antenna Cable for 3G/GPS module
0TZW000000072
Antenna
3G Module External Antenna
Optional Accessories
080W1N0002001
SATA SSD/HDD cable with power
0P0W060120001
60 W AC power adapter to 12 V 5 A DC jack with lock
Standard Accessories


Similar Part No. - LEC-7220-N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7230 ETC2-LEC-7230 Datasheet
991Kb / 4P
   Small Form Factor Digital Signage PC with Intel짰 Bay Trail CPU
logo
Lanner All Rights Reser...
LEC-7230 LANNER-LEC-7230 Datasheet
991Kb / 4P
   Small Form Factor Digital Signage PC with Intel짰 Bay Trail CPU
logo
List of Unclassifed Man...
LEC-7230-E21A ETC2-LEC-7230-E21A Datasheet
991Kb / 4P
   Small Form Factor Digital Signage PC with Intel짰 Bay Trail CPU
logo
Lanner All Rights Reser...
LEC-7230-E21A LANNER-LEC-7230-E21A Datasheet
991Kb / 4P
   Small Form Factor Digital Signage PC with Intel짰 Bay Trail CPU
logo
List of Unclassifed Man...
LEC-7230-E51A ETC2-LEC-7230-E51A Datasheet
991Kb / 4P
   Small Form Factor Digital Signage PC with Intel짰 Bay Trail CPU
More results

Similar Description - LEC-7220-N4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-2260 ETC2-LEC-2260 Datasheet
232Kb / 2P
   Fanless Industrial PC with Intel짰 Celeron짰 807UE CPU
LEC-2312 ETC2-LEC-2312 Datasheet
316Kb / 2P
   Fanless Industrial PC with Intel짰 Atom??N455 CPU
LEC-2280E-7BN ETC2-LEC-2280E-7BN Datasheet
198Kb / 2P
   Fanless Industrial PC with 3rd Gen Intel짰 Core i7-3612QE CPU
LEC-3010 ETC2-LEC-3010 Datasheet
336Kb / 2P
   Fanless Industrial PC with Intel짰 Atom N450
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Advantech Co., Ltd.
ARK-1122F ADVANTECH-ARK-1122F_15 Datasheet
747Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
ARK-1122F ADVANTECH-ARK-1122F Datasheet
747Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
IMB-140 ETC2-IMB-140 Datasheet
1Mb / 2P
   Intel짰 Dual-Core AtomTM CedarViewProcessor D2550/N2600/N2800
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com