Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-7020D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LEC-7020D
Description  Fanless Intel짰 Atom??1.6Ghz with VGA, DVI-D, COM, 4 x USB, Dual LAN and SIM card socket for 3G / GPS Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-7020D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LEC-7020D Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-7020D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
All brand names and trademarks are the registered properties of their respective owners.
Copyright 2010 Lanner Electronics Inc.
About Lanner
Founded in 1986 and publicly listed (TAIEX 6245) since 2003,
Lanner Electronics Inc. is an ISO 9001 certified designer and
manufacturer of reliable, frontline network security, network
video and applied computing platforms. With headquarters in
Taipei, Taiwan and branches in the U.S. and China, Lanner is
uniquely positioned to deliver custom technical solutions with
localized, value-added service.
Contact information
Lanner Electronics Inc
7F, 173, Section 2 Datong Road
Sijhih City, Taipei County 221, Taiwan
ORDERING INFORMATION
FEATURE
DESCRIPTION
Platform
Form Factor
Embedded Fanless System
Processor
Onboard Intel Atom 1.6GHz (N270)
Chipset
Intel 945GSE+ICH7M
BIOS
AMIBIOS with 8Mbit FWH
Max. FSB
533MHz
Memory
Memory Socket
SODIMM x 1 (up to 2GB)
Max Memory
2GB (Module)
Storage
Compact Flash
Type I/II CF Socket
HDD
2.5” SATA HDD support
NIC
Controller (Interface)
RTL8111C(D) (PCIe 1X)
Video
Controller
Intel GMA 950
Audio
Codec
ALC888 HD Codec
I/O
COM Ports
RS-232
Digital I/O
DB9, 4 in 4 out
USB 2.0
4
VGA
1 x (2048 x 1536 / 75Hz)
DVI-D
1 x (1920 x 1080) (LEC-7020D option only)
LAN
2 x RJ45 GbE
Audio
Stereo Line Out
Mic In
DC-in Connector Type
Power Jack w/Lock
Expansion
1 x mini PCIe socket
Wireless Capabilities
3G / GPS / WiFi
Hardware
Monitor
Controller
Winbond W83627 UHG integrated hard-
ware monitor
Watchdog timer
Yes (1~255 level)
OS Supported
Linux kernel 2.4.16 or above, XPE/Win
XP-32 bit
Environmental
Parameters
Operating Temperature
(With Industrial Com-
ponents:
CF, Memory, SSD, HDD)
-10°~55°C / 14°~131°F
Operating Temperature
(With Commercial
Components)
-5°C~45°C / 23°~113°F
Extended Operating
Temperature Tested
N/A
Dimensions
W x H x D (mm)
198(W) x 42(H) x 145(D)
W x H x D (Inch)
7.92”(W) x 1.68”(H) x 5.8”(D)
Power
Input (Mode)
DC +12V (ATX Mode)
AC Adapter
AC Adapter D: 60W (+12V)
Power Jack w/Lock
T +886 2 86926060
F +886 2 86926101
E sales@lannerinc.com
W www.lannerinc.com
LEC-7020A
Fanless Embedded System, Intel ATOM N270 1.6GHz with
VGA, 4 USB, 2 GbE and support 2.5” HDD, CF, 3G/GPS or
WiFi module
MECHANICAL DRAWING
LEC-7020D
Fanless Embedded System, Intel ATOM N270 1.6GHz with
VGA / DVI-D, 4 USB, 2 GbE and support 2.5” HDD, CF, 3G/
GPS or WiFi module


Similar Part No. - LEC-7020D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-7020 ETC2-LEC-7020 Datasheet
319Kb / 2P
   Small Form Factor IPC with Intel짰 Atom??N270
More results

Similar Description - LEC-7020D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM-F345 ETC2-EM-F345 Datasheet
355Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with VGA, DVI-D, Dual LAN, USB, COM with CompactFlash and SATA drive support
LEC-7500 ETC2-LEC-7500 Datasheet
638Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with HDMI, VGA, DVI-D,COM, Dual LAN, USB and CompactFlash or SATA drive support
LEC-5011 ETC2-LEC-5011 Datasheet
303Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system supports WiFi, GPS, GSM interfaces with VGA, DVI-D, up to 4 COM ports, Dual LAN, USB, CF and SATA drive support
LEC-7030 ETC2-LEC-7030 Datasheet
262Kb / 2P
   Fanless Intel짰 Atom??1.6Ghz embedded system with 2.5??HDD support, S-video input, VGA, DVI-D and 4 USB ports
logo
Advantech Co., Ltd.
GMB-N270 ADVANTECH-GMB-N270 Datasheet
315Kb / 2P
   Intel짰 ATOM??Mini-ITX with Dual VGA, 6 COM, and Dual LAN
AIMB-210 ADVANTECH-AIMB-210 Datasheet
1Mb / 3P
   Intel짰 ATOM??Mini-ITX with VGA/LVDS, 6 COM, and Dual LAN
AIMB-767 ADVANTECH-AIMB-767 Datasheet
2Mb / 2P
   LGA775 Intel짰 Core?? Quad ATX with Dual VGA/DVI, 4 COM, Dual LAN
logo
List of Unclassifed Man...
VES-310V2 ETC2-VES-310V2 Datasheet
180Kb / 2P
   3.5??Intel짰 Atom??N455 based SBC with VGA, LVDS, Dual LAN, 4 USB and 2 COM Ports
logo
Advantech Co., Ltd.
AIMB-567 ADVANTECH-AIMB-567_14 Datasheet
625Kb / 2P
   Intel짰 Core?? Quad LGA 775 MicroATX with VGA/DVI, 4 COM, dual LAN
AIMB-567 ADVANTECH-AIMB-567 Datasheet
1Mb / 2P
   Intel짰 Core?? Quad LGA 775 MicroATX with Dual VGA/DVI, 4 COM, dual LAN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com