Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEC-2250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LEC-2250
Description  Fanless Industrial PC with Fanless Industrial PC with
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LEC-2250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LEC-2250 Datasheet HTML 1Page - List of Unclassifed Manufacturers LEC-2250 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com | www.lannerinc.com
LEC-2250
Fanless Industrial PC with
Intel® Atom
D2550 CPU
Rich I/O Interfaces
This product provides rich I/O
interface, includes 2 GbE LAN ports, 4
serial COM ports and 6 USB ports for
communications.
Extreme Operating Temperature
This product is ruggedized to
support a wider than usual range of
temperatures. Outfitted with industrial
components (SSD, CF, Memory)
this appliance can thrive in harsh
conditions.
Wide Range Power Input
The power input support wide range
up to 18~36V.
Integrated SIM Card Reader
Integrated in a mini-PCIe slot, the
SIM card readers allow for users
to enable 3G use for their IPC.
Intel® Atom™ D2550
Dual core Cedarview Intel Atom
CPUs feature the 1.86 GHz D2550
which uses 10 Watts.
Fanless Design
This IPCs lifespan has been
extended by removing the most
easily damaged component, the
fan.
Features
Dust Proof Design
Solid chassis design with a fanless
interior allows for this product to be
completely dustproof when installed
correctly, insuring longevity of the
product.
Multiple Display Ports
This platform comes with multiple
video-out ports (VGA and DVI-D)
to allow easy integration with any
signage setup.
Dimensions 273.8x60x144mm(10.78”x2.36”x5.67”)
273.8
312
144
59.13
293.5
92
Power Input
LANx2
USBx2
USB x4
Audio Jack
Power On/Off
Reset
Antenna Holes
COMx2
VGA
DVI-D
COMx2


Similar Part No. - LEC-2250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-2220 ETC2-LEC-2220 Datasheet
371Kb / 2P
   Behemoth IPC with Intel Core i5 / i7 / Celeron CPU
LEC-2220P ETC2-LEC-2220P Datasheet
371Kb / 2P
   Behemoth IPC with Intel Core i5 / i7 / Celeron CPU
LEC-2220P2 ETC2-LEC-2220P2 Datasheet
371Kb / 2P
   Behemoth IPC with Intel Core i5 / i7 / Celeron CPU
LEC-2260 ETC2-LEC-2260 Datasheet
232Kb / 2P
   Fanless Industrial PC with Intel짰 Celeron짰 807UE CPU
LEC-2270 ETC2-LEC-2270 Datasheet
439Kb / 2P
   Fanless IPC w/ 2nd Gen Intel Fanless IPC w/ 2nd Gen Intel
More results

Similar Description - LEC-2250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-3012 ETC2-LEC-3012 Datasheet
322Kb / 2P
   Fanless Industrial PC with Fanless Industrial PC with
LEC-7105 ETC2-LEC-7105 Datasheet
242Kb / 2P
   Fanless Industrial PC with Dual Fanless Industrial PC with Dual
LEC-3010 ETC2-LEC-3010 Datasheet
336Kb / 2P
   Fanless Industrial PC with Intel짰 Atom N450
LEC-2310 ETC2-LEC-2310 Datasheet
302Kb / 2P
   Fanless Industrial PC with Intel Atom N450
logo
Beckhoff Automation Gmb...
C6515 BECKHOFF-C6515 Datasheet
176Kb / 2P
   Fanless built-in Industrial PC
C6925 BECKHOFF-C6925 Datasheet
143Kb / 2P
   Fanless control cabinet Industrial PC
C6027 BECKHOFF-C6027 Datasheet
126Kb / 2P
   Fanless ultra-compact Industrial PC
C6525 BECKHOFF-C6525 Datasheet
228Kb / 2P
   Fanless built-in Industrial PC
C6025 BECKHOFF-C6025 Datasheet
120Kb / 2P
   Fanless ultra-compact Industrial PC
C6015 BECKHOFF-C6015 Datasheet
101Kb / 2P
   Fanless ultra-compact Industrial PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com