Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKQ120N60TA Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKQ120N60TA
Description  very tight parameter distribution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKQ120N60TA Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKQ120N60TA Datasheet HTML 1Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 2Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 3Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 4Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 5Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 6Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 7Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 8Page - Infineon Technologies AG IKQ120N60TA Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
IKQ120N60TA
TRENCHSTOPTMseries
Rev.2.2,2014-11-21
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
StaticCharacteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V,IC=0.20mA
600
-
-
V
Collector-emitter saturation voltage
VCEsat
VGE=15.0V,IC=120.0A
Tvj=25°C
Tvj=175°C
-
-
1.50
1.90
2.00
-
V
Diode forward voltage
VF
VGE=0V,IF=120.0A
Tvj=25°C
Tvj=175°C
-
-
1.65
1.60
2.05
-
V
Gate-emitter threshold voltage
VGE(th)
IC=1.90mA,VCE=VGE
4.1
4.9
5.7
V
Zero gate voltage collector current
ICES
VCE=600V,VGE=0V
Tvj=25°C
Tvj=175°C
-
-
-
3000.0
40.0
-
µA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V,IC=120.0A
-
75.0
-
S
Integrated gate resistor
rG
none
ElectricalCharacteristic,atTvj=25°C,unlessotherwisespecified
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
DynamicCharacteristic
Input capacitance
Cies
-
7530
-
Output capacitance
Coes
-
446
-
Reverse transfer capacitance
Cres
-
206
-
VCE=25V,VGE=0V,f=1MHz
pF
Gate charge
QG
VCC=480V,IC=120.0A,
VGE=15V
-
772.0
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from
case
LE
-
13.0
-
nH
Short circuit collector current
Max. 1000 short circuits
Time between short circuits:
≥ 1.0s
IC(SC)
VGE=15.0V,VCC
≤400V,
tSC
≤5µs
Tvj=150°C
-
846
-
A


Similar Part No. - IKQ120N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKQ120N60T INFINEON-IKQ120N60T Datasheet
1Mb / 16P
   Increased current capability
Rev.2.2,2014-11-18
More results

Similar Description - IKQ120N60TA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW20N65R5 INFINEON-IHW20N65R5 Datasheet
1Mb / 15P
   very tight parameter distribution
Rev.2.2,2014-11-27
logo
STMicroelectronics
STGW80H65DFB-4 STMICROELECTRONICS-STGW80H65DFB-4 Datasheet
937Kb / 16P
   Tight parameter distribution
March 2017 Rev 3
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
   Tight parameter distribution
November 2016 Rev 1
logo
Agilent(Hewlett-Packard...
4155C HP-4155C Datasheet
230Kb / 14P
   Parameter Analyzer
logo
EUROQUARTZ limited
T1249 EUROQUARTZ-T1249 Datasheet
119Kb / 1P
   Very Rugged TCXO, Tight Stability
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
RPI-16MM-LENS ETC-RPI-16MM-LENS Datasheet
135Kb / 1P
   Parameter of Lens
logo
E-SWITCH
34-PP27U12B2 E-SWITCH-34-PP27U12B2 Datasheet
72Kb / 1P
   DENOTES CRITICAL PARAMETER
logo
Belden Inc.
FI1D006P9 BELDEN-FI1D006P9 Datasheet
217Kb / 2P
   Indoor Plenum OM1 Distribution Tight Buffer 6 Fibers
0.48
FI3D006P9 BELDEN-FI3D006P9 Datasheet
218Kb / 2P
   Indoor Plenum OM3 Distribution Tight Buffer 6 Fibers
0.176
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com