Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

233-103-H7 Datasheet(PDF) 1 Page - Glenair, Inc.

Part No. 233-103-H7
Description  Jam Nut Mount Hermetic Bulkhead Feed-Thru
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

233-103-H7 Datasheet(HTML) 1 Page - Glenair, Inc.

  233-103-H7 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2010 Glenair, Inc.
E-Mail: sales@glenair.com
F-10
F
233-103-H7
Jam Nut Mount Hermetic Bulkhead Feed-Thru
MIL-DTL-38999 Series III Type
TABLE II: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
0.1 P-0.3L-TS-2
B
DIA
C
D
DIA
E
DIM
F THREAD
METRIC
09
.6250
1.189 (30.20) 1.063 (27.00) .703 (17.86)
.693 (17.60)
.657 (16.69)
.655 (16.64)
M17 x 1.0-6g
11
.7500
1.375 (34.93) 1.252 (31.80) .835 (21.21)
.825 (20.96)
.771 (19.58)
.769 (19.53)
M20 x 1.0-6g
13
.8750
1.500 (38.10) 1.374 (34.90) 1.020 (25.91)
1.010 (25.65)
.955 (24.26)
.953 (24.21)
M25 x 1.0-6g
15
1.0000
1.626 (41.30) 1.500 (38.10) 1.145 (29.03)
1.135 (28.83)
1.085 (27.56)
1.083 (27.51)
M28 x 1.0-6g
17
1.1875
1.752 (44.50) 1.626 (41.30) 1.270 (32.26)
1.260 (32.00)
1.210 (30.73)
1.208 (30.68)
M32 x 1.0-6g
19
1.2500
1.937 (49.20) 1.811 (46.00) 1.395 (35.43)
1.385 (35.18)
1.335 (33.91)
1.333 (33.86)
M35 x 1.0-6g
21
1.3750
2.063 (52.40) 1.937 (49.20) 1.520 (38.61)
1.510 (38.35)
1.460 (37.08)
1.558 (39.57)
M38 x 1.0-6g
23
1.5000
2.189 (55.60) 2.063 (52.40) 1.645 (41.78)
1.635 (41.53)
1.585 (40.26)
1.583 (40.21)
M41 x 1.0-6g
25
1.6250
2.311 (58.70) 2.189 (55.60) 1.769 (44.93)
1.759 (44.68)
1.710 (43.34)
1.708 (43.38)
M44 x 1.0-6g
Connector Series
233 - D38999 Series III Type
Contact
Termination
P - Pin on
Jam Nut Side
S - Socket on
Jam Nut Side
Shell Size
09
11
13
15
17
19
21
23
25
233 - 103 - H7 Z1 11 - 35 P N - 01
Shell Style
H7 - Jam Nut Mount
Connector Material and Finish
Z1 - CRES, Passivated
ZL - CRES, Nickel Finish
Connector Type
103 - Hermetic Bulkhead
Feed-Thru
Alternate Key
Position
A, B, C, D, E
(N = Normal)
Panel
Accomodation
01 - .0625″ (Min)
.125″ (Max)
02 - .0625″ (Min)
.250″ (Max)
03 - .0625″ (Min)
.500″ (Max)
.23
Max
G
H
A Thread
F Thread
J
Panel
Accom.
APPLICATION NOTES
1.
Power to a given contact on one end will result in power to contact directly
opposite, regardless of identification letter.
2.
Hermeticity = less than 1 x 10-7 cc/sec at one atmosphere. Not for use in liquid
atmosphere.
3.
Material/finish:
Shell, nut – CRES/passivated, carbon steel/fused tin or CRES/nickel per QQ-N-290.
Contacts – Gold Plated. Pin: alloy 52; Skt.: copper alloy
Insulator – fused vitreous glass/N.A.
Seals – fluorosilicone rubber/N.A.
4.
Metric dimensions (mm) are indicated in parentheses.
Insert Arrangement
Per MIL-DTL-38999 Series III
MIL-STD-1560
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc Helium per second
–585B
1 x 10-9 cc Helium per second
–585C
1 x 10-8 cc Helium per second
D Dia
Recommended Panel Cut-Out
E
TABLE I: CONNECTOR DIMENSIONS
G Dim, OAL
H Dim, Max
J Dim,
Panel
-01 1.650 (41.91) Max
.889 (22.58) .125 (3.18)
.062 (1.57)
-02
.7500
1.375 (34.93) .250 (6.35)
.062 (1.57)
-03
.8750
1.500 (38.10) .500 (12.7)
.062 (1.57)
Insert Arrangement per
MIL-DTL-38999 Series III
MIL-STD-1560
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
ØB
C
A/F


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn