Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

232-103-H9 Datasheet(PDF) 2 Page - Glenair, Inc.

Part No. 232-103-H9
Description  Jam Nut Mount Hermetic Bulkhead Feed-Thru
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

232-103-H9 Datasheet(HTML) 2 Page - Glenair, Inc.

  232-103-H9 Datasheet HTML 1Page - Glenair, Inc. 232-103-H9 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-41
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
232-103-H9
Jam Nut Mount Hermetic Bulkhead Feed-Thru
Sav-Con® Connector Saver • MIL-DTL-38999 Series II Type
TABLE II: DIMENSIONS
SYM
G
H
J
01
.062-.125
(1.57-3.18)
.469 MAX
(11.91 MAX)
1.300 MAX
(33.02 MAX)
02
.062-.250
(1.57-6.35)
.600 MAX
(15.24 MAX)
1.425 MAX
(36.20 MAX)
03
.062-.500
(1.57-12.7)
.850 MAX
(21.59 MAX)
1.675 MAX
(42.55 MAX)
APPLICATION NOTES
1.
Material/finish:
Shell, jam-nut, coupling nut – 300 Series CRES/see
P/N development.
Contacts, pin – Nickel-iron alloy/Gold plate.
Contacts, socket – Copper alloy/Gold plate.
Insulator, pin – Vitreous glass/N.A.
Insulator, sockets – Hi-grade rigid dielectric/N.A.
Grounding springs – Copper alloy/Gold plate.
O-Rings and seals – Fluorosilicone blend/N/A.
2.
Assembly identified with manufacturer's name and part number, space permitting.
3.
Test requirements:
D.W.V. – Per Table IV
I.R. – 5 GigOhms @ 500 VDC
Hermeticity – <1 x 10^-7 sccHe/sec @ 1 ATM differential.
4.
Metric dimensions (mm) are indicated in parentheses.
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc Helium per second
–585B
1 x 10-9 cc Helium per second
–585C
1 x 10-8 cc Helium per second
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
CLASS 2A
B
DIA
C
A/F
D
FLAT
E DIA
MAX
F
K
DIA
N
8
.875-20 UNEF 1.391/1.359
(35.33/34.52)
1.266/1.234
(27.38/26.57)
.818/.811
(16.64/20.60)
.750 (19.05)
.105/.084
(2.67/2.13)
.895/.885
(22.73/22.48)
.830/.820
(21.08/20.83)
10
1.000-20 UNEF 1.516/1.484
(38.51/37.69)
1.391/1.359
(35.33/34.52)
.942/.935
(19.18/23.75)
.859 (21.82)
.105/.084
(2.67/2.13)
1.020/1.010
(25.91/25.65)
.955/.945
(24.26/24.00)
12
1.125-18 UNEF 1.641/1.609
(41.68/40.87)
1.516/1.484
(38.51/37.69)
1.066/1.059
(27.08/26.90) 1.031 (26.19)
.105/.084
(2.67/2.13)
1.145/1.135
(29.08/28.83)
1.085/1.075
(27.56/27.31)
14
1.250-18 UNEF 1.766/1.734
(44.86/44.04)
1.641/1.609
(41.68/40.87)
1.191/1.184
(30.25/30.07) 1.156 (29.36)
.105/.084
(2.67/2.13)
1.270/1.260
(32.26/32.00)
1.210/1.200
(30.73/30.48)
16
1.375-18 UNEF 1.954/1.922
(49.63/48.82)
1.797/1.765
(45.64/44.83)
1.321/1.314
(33.55/33.38) 1.281 (32.54)
.105/.084
(2.67/2.13)
1.395/1.385
(35.43/35.18)
1.335/1.325
(33.91/33.66)
18
1.500-18 UNEF 2.032/2.000
(51.61/50.80)
1.906/1.874
(48.41/47.60)
1.441/1.434
(36.60/36.42) 1.406 (35.71)
.105/.084
(2.67/2.13)
1.520/1.510
(38.61/38.35)
1.460/1.450
(37.08/36.83)
20
1.625-18 UNEF 2.157/2.125
(54.79/53.98)
2.032/2.000
(51.61/50.80)
1.566/1.559
(39.78/39.60) 1.531 (38.89)
.105/.084
(2.67/2.13)
1.645/1.635
(41.78/41.53)
1.585/1.575
(40.26/40.01)
22
1.750-18 UNS 2.281/2.249
(57.94/57.12)
2.156/2.124
(54.76/53.95)
1.691/1.684
(42.95/42.77) 1.641 (41.68)
.105/.084
(2.67/2.13)
1.770/1.760
(44.96/44.70)
1.709/1.699
(43.41/43.15)
24
1.875-16 UN 2.406/2.374
(61.11/60.30)
2.281/2.249
(57.94/57.12)
1.816/1.809
(46.13/45.95) 1.766 (44.86)
.105/.084
(2.67/2.13)
1.895/1.885
(48.13/47.88)
1.855/1.825
(47.12/46.36)
TABLE IV: MASTER KEY/KEYWAY POSITIONS
SHELL
SIZE
XP
XR
YP
YR
ZP
ZR
N
A
B
C
D
8
28° 100° 37° 100° 82°
––
–– 118°
10
28° 100° 37° 100° 86°
72° 128° 114°
12
28° 100° 37° 100° 80°
68° 132° 120°
14
28° 100° 37° 100° 79°
66° 134° 121°
16
28° 100° 37° 100° 82°
70° 130° 118°
18
28° 100° 37° 100° 82°
70° 130° 118°
20
28° 100° 37° 100° 82°
70° 130° 118°
22
28° 100° 37° 100° 85°
74° 126° 115°
24
28° 100° 37° 100° 85°
74° 126° 115°
TABLE III: DWV
VOLTAGE LEVELS
SERVICE
RATING
VOLTAGE
AC RMS 60HZ
M
1300 VAC
I
1800 VAC
II
2300 VAC
N
1000 VAC
Recommended
Panel Cut-out
N
Ø K


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn