Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

232-103-H9 Datasheet(PDF) 1 Page - Glenair, Inc.

Part No. 232-103-H9
Description  Jam Nut Mount Hermetic Bulkhead Feed-Thru
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

232-103-H9 Datasheet(HTML) 1 Page - Glenair, Inc.

  232-103-H9 Datasheet HTML 1Page - Glenair, Inc. 232-103-H9 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in Inches (millimeters) are subject to change without notice.
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
B-40
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
B
232-103-H9
Jam Nut Mount Hermetic Bulkhead Feed-Thru
Sav-Con® Connector Saver • MIL-DTL-38999 Series II Type
Connector Series
232 - D38999 Series II Type
Contact Termination
P - Pin on Plug End, Socket Opposite
S - Socket on Plug End, Pin Opposite
Shell Size
08
10
12
14
16
18
20
22
24
232 - 103 - H9 Z1 14 - 35 P N - 02
Shell Style
H9 - Jam Nut Mount
Sav-Con® Connector
Saver
Connector Material and Finish
Z1 - CRES, Passivated
ZL - CRES, Nickel Finish
Connector Type
103 - Hermetic Bulkhead
Feed-Thru
Broach
Polarization
A, B, C, D
(
N = Normal)
Panel Accomodation
01 - .062″ (Min) .125″ (Max)
02 - .062″ (Min) .250″ (Max)
03 - .062″ (Min) .500″ (Max)
Insert Arrangement
Per MIL-DTL-38999 Series II
MIL-STD-1560
H Per
Table III
G Per
Table III
.592
(15.04)
Max
F
J Per
Table III
D
Flat
Ø E
A Thread
MS3186 Type
Hex Nut
C
C
90°
10°
Specify Per
Table V
XR°
YR°
ZR°
10°
Specify Per
Table V
XP°
YP°
ZP°
Ø B


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn