Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPPM0303DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPPM0303DR
Description  250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPPM0303DR Datasheet(HTML) 2 Page - Texas Instruments

  TPPM0303DR Datasheet HTML 1Page - Texas Instruments TPPM0303DR Datasheet HTML 2Page - Texas Instruments TPPM0303DR Datasheet HTML 3Page - Texas Instruments TPPM0303DR Datasheet HTML 4Page - Texas Instruments TPPM0303DR Datasheet HTML 5Page - Texas Instruments TPPM0303DR Datasheet HTML 6Page - Texas Instruments TPPM0303DR Datasheet HTML 7Page - Texas Instruments TPPM0303DR Datasheet HTML 8Page - Texas Instruments TPPM0303DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TPPM0303
250-mA LOW-DROPOUT REGULATOR
WITH AUXILIARY POWER MANAGEMENT
SLVS364 – FEBRUARY 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
5VCC
5-V
Detection
Current
Sensor
Linear Regulator
With LDO
Gate Drive
and Control
Over
Temperature
3.3VOUT
5VAUX
5VAUX
Detection
Current
Sensor
Gate Drive
and Control
GND
3.3VAUX
3VAUX
Detection
Current
Sensor
Low ON
Resistance
Switch
Gate Drive
5-V Detection
and Control
Linear Regulator
With LDO
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3.3VAUX
4
I
3.3-V auxiliary input
3.3VOUT
3
O
3.3-V output with a typical capacitance load of 4.7
µF
5VAUX
1
I
5-V auxiliary input
5VCC
2
I
5-V main input
GND
7
I
Ground
NC
5,6,8
No internal connection


Similar Part No. - TPPM0303DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0303D TI-TPPM0303D Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
More results

Similar Description - TPPM0303DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0304 TI1-TPPM0304 Datasheet
259Kb / 14P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0303 TI-TPPM0303 Datasheet
211Kb / 10P
[Old version datasheet]   250-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0301 TI-TPPM0301 Datasheet
246Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT
TPPM0302 TI-TPPM0302 Datasheet
239Kb / 12P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
TPPM0302DGN TI-TPPM0302DGN Datasheet
414Kb / 16P
[Old version datasheet]   400-mA LOW-DROPOUT REGULATOR WITH AUXILIARY POWER MANAGEMENT AND POK
logo
Advanced Analog Technol...
AAT1201 AAT-AAT1201 Datasheet
363Kb / 21P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL-OUTPUT POWER MANAGEMENT
AAT1202 AAT-AAT1202 Datasheet
399Kb / 18P
   250-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL -OUTPUT POWER MANAGEMENT
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com