Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6211A1 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPA6211A1
Description  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA6211A1_15 Datasheet HTML 14Page - Texas Instruments TPA6211A1_15 Datasheet HTML 15Page - Texas Instruments TPA6211A1_15 Datasheet HTML 16Page - Texas Instruments TPA6211A1_15 Datasheet HTML 17Page - Texas Instruments TPA6211A1_15 Datasheet HTML 18Page - Texas Instruments TPA6211A1_15 Datasheet HTML 19Page - Texas Instruments TPA6211A1_15 Datasheet HTML 20Page - Texas Instruments TPA6211A1_15 Datasheet HTML 21Page - Texas Instruments TPA6211A1_15 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
RL
CC
VO(PP)
VO(PP)
VDD
-3 dB
fc
V(LRMS)
VO
IDD
IDD(avg)
TPA6211A1
SLOS367D
– AUGUST 2003 – REVISED JUNE 2011
www.ti.com
For example, a 68-
μF capacitor with an 8-Ω speaker
subtracting the RMS value of the output voltage from
would attenuate low frequencies below 293 Hz. The
VDD. The internal voltage drop multiplied by the
BTL configuration cancels the dc offsets, which
average
value
of
the
supply
current,
IDD(avg),
eliminates the need for the blocking capacitors.
determines the internal power dissipation of the
Low-frequency performance is then limited only by
amplifier.
the input network and speaker response. Cost and
An easy-to-use equation to calculate efficiency starts
PCB space are also minimized by eliminating the
out as being equal to the ratio of power from the
bulky coupling capacitor.
power supply to the power delivered to the load. To
accurately calculate the RMS and average values of
power in the load and in the amplifier, the current and
voltage waveform shapes must first be understood
(see Figure 35).
Figure 34. Single-Ended Output and Frequency
Figure 35. Voltage and Current Waveforms for
Response
BTL Amplifiers
Increasing power to the load does carry a penalty of
Although the voltages and currents for SE and BTL
increased internal power dissipation. The increased
are sinusoidal in the load, currents from the supply
dissipation is understandable considering that the
are different between SE and BTL configurations. In
BTL configuration produces 4
× the output power of
an
SE
application
the
current
waveform
is
a
the SE configuration.
half-wave rectified shape, whereas in BTL it is a
full-wave
rectified
waveform.
This
means
RMS
conversion factors are different. Keep in mind that for
FULLY DIFFERENTIAL AMPLIFIER
most of the waveform both the push and pull
EFFICIENCY AND THERMAL INFORMATION
transistors are not on at the same time, which
Class-AB amplifiers are inefficient, primarily because
supports the fact that each amplifier in the BTL
of voltage drop across the output-stage transistors.
device only draws current from the supply for half the
The two components of this internal voltage drop are
waveform. The following equations are the basis for
the headroom or dc voltage drop that varies inversely
calculating amplifier efficiency.
to output power, and the sinewave nature of the
output. The total voltage drop can be calculated by
18
Copyright
© 2003–2011, Texas Instruments Incorporated


Similar Part No. - TPA6211A1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6211A1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com