Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

230-023 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 230-023
Description  Bayonet Coupling Square Flange Receptacle Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

230-023 Datasheet(HTML) 1 Page - Glenair, Inc.

  230-023 Datasheet HTML 1Page - Glenair, Inc. 230-023 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
E-6
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
E
* Additional shell materials available, including titanium and Inconel®. Consult factory for ordering information.
APPLICATIOn nOTES
1.
To be identified with manufacturer’s name, part number and
date code, space permitting.
2.
Material/Finish:
Shell*:
Z1 - Stainless steel/passivated.
FT - Carbon steel/tin plated.
Contacts - 52 Nickel alloy/gold plated.
Bayonets - Stainless steel/passivated.
Seals - Silicone elastomer/N.A.
Insulation - Glass/N.A.
3.
Glenair 230-023 will mate with any QPL MIL-DTL-83723/75
& 77 Series III bayonet coupling plug of same size, keyway,
and insert polarization.
4.
Performance:
Hermeticity - <1 x 10-7 cc He/sec @ 1 atmosphere
differential.
Dielectric withstanding voltage - Consult factory or
MIL-STD-1554.
Insulation resistance - 5000 MegOhms min. @ 500VDC.
5.
Consult factory and/or MIL-STD-1554 for arrangement,
keyway, and insert position options.
6.
Metric Dimensions (mm) are indicated in parentheses.
Insert
Arrangement
Per MIL-STD-1554
Series 230
MIL-DTL-83723
Type
230 - 023
fT
12 - 3
P
1
Material
Designation
FT = Carbon Steel/
Tin Plated
Z1 = Stainless Steel/
Passivated
Alternate Key
Position
1,2,3,4,5,6,7,8,9,
(Omit for Normal)
Contact
Type
P = Solder Cup
Shell
Size
Connector Style
023 = Hermetic Square
Flange Mount Receptacle
Painted
Bayonet
Pin Ends
Ø Cc
(Min I.D.)
Ø C
Max
Ø F
Ø D
Shell I.D.
Ø E Max
Resilient
Insert
A (Typ)
B (Typ)
.890 Max
.072/.052
.400 Max
(Contact Size 16 & 12)
.330 Max
(Contact Size 20)
3
2
1
32
1
.108/.078
Ø G
Max
Ø H
230-023
MIL-DTL-83723/79 Series III Type Hermetic
Bayonet Coupling Square Flange Receptacle Connector
with Solder Terminals


Similar Part No. - 230-023

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-023 GLENAIR-230-023 Datasheet
438Kb / 2P
   Bayonet Coupling Square Flange Receptacle Connector
230-023FT10-3PW GLENAIR-230-023FT10-3PW Datasheet
438Kb / 2P
   Bayonet Coupling Square Flange Receptacle Connector
230-023FT10-3PX GLENAIR-230-023FT10-3PX Datasheet
438Kb / 2P
   Bayonet Coupling Square Flange Receptacle Connector
230-023FT10-3PY GLENAIR-230-023FT10-3PY Datasheet
438Kb / 2P
   Bayonet Coupling Square Flange Receptacle Connector
230-023FT10-3PZ GLENAIR-230-023FT10-3PZ Datasheet
438Kb / 2P
   Bayonet Coupling Square Flange Receptacle Connector
More results

Similar Description - 230-023

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
230-023 GLENAIR-230-023 Datasheet
438Kb / 2P
   Bayonet Coupling Square Flange Receptacle Connector
230-017 GLENAIR-230-017 Datasheet
410Kb / 2P
   Bayonet Coupling Wide Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
435Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-035 GLENAIR-230-035 Datasheet
407Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
230-018 GLENAIR-230-018 Datasheet
450Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-026 GLENAIR-230-026 Datasheet
255Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-016FT-106P GLENAIR-230-016FT-106P_09 Datasheet
411Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
237-127 GLENAIR-237-127 Datasheet
427Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-024 GLENAIR-230-024 Datasheet
256Kb / 2P
   Bayonet Coupling Solder Flange Mount Receptacle
230-016 GLENAIR-230-016 Datasheet
278Kb / 2P
   Bayonet Coupling Narrow Flange Mount Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com