Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6140A2 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA6140A2
Description  CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6140A2 Datasheet(HTML) 5 Page - Texas Instruments

  TPA6140A2_15 Datasheet HTML 1Page - Texas Instruments TPA6140A2_15 Datasheet HTML 2Page - Texas Instruments TPA6140A2_15 Datasheet HTML 3Page - Texas Instruments TPA6140A2_15 Datasheet HTML 4Page - Texas Instruments TPA6140A2_15 Datasheet HTML 5Page - Texas Instruments TPA6140A2_15 Datasheet HTML 6Page - Texas Instruments TPA6140A2_15 Datasheet HTML 7Page - Texas Instruments TPA6140A2_15 Datasheet HTML 8Page - Texas Instruments TPA6140A2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SCL
SDA
tw(H)
tw(L)
tsu1
th1
TPA6140A2
www.ti.com................................................................................................................................................. SLOS598A – MARCH 2009 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSRR
Power supply rejection ratio
AVDD = 2.5 V to 5.5 V, inputs grounded, GAIN = 0 dB
90
105
dB
CMRR
Common-mode rejection ratio
HPVDD = 1.3 V to 1.8 V, GAIN = 0 dB
68
dB
|IIH|
High-level input current
AVDD = 2.5 V to 5.5 V, VI = AVDD
SCL, SDA
1
µA
|IIL|
Low-level input current
AVDD = 2.5 V to 5.5 V, VI = 0 V
SCL, SDA
1
µA
ISD
Soft shutdown current
SW Shutdown mode, VDD = 2.5 V to 5.5 V, SWS bit = 1
1
3
µA
AVDD = 3.6 V HPVDD = 1.3 V, Amplifiers active, no load, no
1.2
2.0
input signal
AVDD = 3.6 V, POUT = 100 μW into 32 Ω
(1), f
AUD = 1 kHz
2.5
IDD
Total supply current
AVDD = 3.6 V, POUT = 500 μW into 32 Ω
(1), f
AUD = 1 kHz
4.0
mA
AVDD = 3.6 V, POUT = 1 mW into 32 Ω
(1), f
AUD = 1 kHz
6.8
AVDD = 3.6 V, HiZ_L = HiZ_R = HIGH (High output impedance
1.0
2.0
mode)
(1)
Per channel output power assuming a 10 dB crest factor
TIMING CHARACTERISTICS
For I
2C interface signals over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCL
Frequency, SCL
No wait states
400
kHz
tW(H)
Pulse duration, SCL high
0.6
μs
tW(L)
Pulse duration, SCL low
1.3
μs
tSU1
Setup time, SDA to SCL
100
μs
tH1
Hold time, SCL to SDA
10
ns
t(BUF)
Bus free time between stop and start condition
1.3
μs
tSU2
Setup time, SCL to start condition
0.6
μs
tH2
Hold time, start condition to SCL
0.6
μs
tSU3
Setup time, SCL to stop condition
0.6
μs
Figure 1. SCL and SDA Timing
Copyright © 2009, Texas Instruments Incorporated
5
Product Folder Link(s): TPA6140A2


Similar Part No. - TPA6140A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6140A2YFF TI-TPA6140A2YFF Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2YFFR TI-TPA6140A2YFFR Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2YFFT TI-TPA6140A2YFFT Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Similar Description - TPA6140A2_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
[Old version datasheet]   Class G Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
   Class G Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com