Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1716T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1716T
Description  Resonant power supply control IC with PFC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1716T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1716T Datasheet HTML 3Page - NXP Semiconductors TEA1716T Datasheet HTML 4Page - NXP Semiconductors TEA1716T Datasheet HTML 5Page - NXP Semiconductors TEA1716T Datasheet HTML 6Page - NXP Semiconductors TEA1716T Datasheet HTML 7Page - NXP Semiconductors TEA1716T Datasheet HTML 8Page - NXP Semiconductors TEA1716T Datasheet HTML 9Page - NXP Semiconductors TEA1716T Datasheet HTML 10Page - NXP Semiconductors TEA1716T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
TEA1716T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 30 November 2012
7 of 47
NXP Semiconductors
TEA1716T
Resonant power supply control IC with PFC
7.2 Power supply
The TEA1716T contains several supply-related pins SUPIC, SUPREG, SUPHS and
SUPHV. These pins are described in Section 7.2.1 to Section 7.2.4.
7.2.1 Low-voltage supply input (SUPIC pin)
The SUPIC pin is the main low-voltage supply input to the IC. All internal circuits are
supplied from this pin directly or indirectly using the SUPREG pin. The high-voltage
circuit, however, is not supplied from the SUPIC pin. The SUPIC pin is connected
externally to a buffer capacitor CSUPIC. This buffer capacitor can be charged in several
ways:
from the internal high-voltage start-up source
from the HBC transformer auxiliary winding
from the e switching half-bridge node capacitive supply
from an external DC supply, for example, a standby supply
The IC starts operating when the voltage on the SUPIC pin reaches the start level,
provided the voltage on the SUPREG pin has also reached the start level. The start level
depends on the condition of the SUPHV pin:
High voltage present on the SUPHV pin (VSUPHV >Vdet(SUPHV)).
In a stand-alone application this is the case because CSUPIC is initially charged from
the HV start-up source. The start level is Vstart(hvd)(SUPIC) (20 V). The wide difference
between the start and stop (Vuvp(SUPIC)) levels allows sufficient energy to be drawn
from the SUPIC buffer capacitor until the output voltage stabilizes.
Not connected or no voltage present at SUPHV (VSUPHV <Vdet(SUPHV)).
When the TEA1716T is supplied from an external DC source, this is the case. The
start level is Vstart(nohvd)(SUPIC) (15 V). The IC is supplied from the DC supply during
start-up. To minimize power dissipation the DC supply to the SUPIC pin must be
higher than, but close to Vuvp(SUPIC) (13 V).
The IC stops operating when VSUPIC <Vuvp(SUPIC). Vuvp(SUPIC). This voltage is the SUPIC
pin UnderVoltage Protection (UVP) voltage (UVP-SUPIC; see Section 7.9). The PFC
controller stops switching immediately but the HBC controller continues operating until the
low-side MOSFET is active.
The current consumption depends on the state of the IC. The TEA1716T operating states
are described in Section 7.3.
Disabled IC state
When the IC is disabled using the SSHBC/EN pin, the current consumption
(Idism(SUPIC)) is very low.
SUPIC charge, SUPREG charge, Thermal hold, Restart and Protection shutdown
states
Only a small section of the IC is active while CSUPIC and CSUPREG are charging during
a restart sequence before start-up or during shutdown after a protection function has
been activated. The PFC and HBC controllers are disabled. Current consumption is
limited to Iprotm(SUPIC).


Similar Part No. - TEA1716T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713 NXP-TEA1713 Datasheet
333Kb / 2P
   Higher integration for higher effi ciency in power supplies
2010
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
TEA1713T NXP-TEA1713T Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
More results

Similar Description - TEA1716T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
   Resonant power supply control IC with PFC
Rev. 1-21 June 2012
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com