Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1716T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA1716T
Description  Resonant power supply control IC with PFC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1716T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1716T Datasheet HTML 2Page - NXP Semiconductors TEA1716T Datasheet HTML 3Page - NXP Semiconductors TEA1716T Datasheet HTML 4Page - NXP Semiconductors TEA1716T Datasheet HTML 5Page - NXP Semiconductors TEA1716T Datasheet HTML 6Page - NXP Semiconductors TEA1716T Datasheet HTML 7Page - NXP Semiconductors TEA1716T Datasheet HTML 8Page - NXP Semiconductors TEA1716T Datasheet HTML 9Page - NXP Semiconductors TEA1716T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
TEA1716T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 30 November 2012
6 of 47
NXP Semiconductors
TEA1716T
Resonant power supply control IC with PFC
7.
Functional description
7.1 Overview of IC modules
The functionality of the TEA1716T can be grouped as follows:
Supply module:
Supply management for the IC. Includes the restart and (latched) shutdown states
Protection and restart timer:
An externally adjustable timer used for delayed protection and restart timing
Enable input:
Control input for enabling and disabling the controllers; when disabled has very low
current consumption
PFC controller:
Controls and protects the Power Factor (PF) converter. Generates a 400 V (DC)
boost voltage from the rectified AC mains input with a high PF
HBC controller:
Controls and protects the resonant converter; generates a regulated mains isolated
output voltage from the 400 V (DC) boost voltage
Burst input:
Control input for Burst mode operation; activates the Burst stop state in which the
current consumption is low
Figure 1 shows the block diagram of the TEA1716T. A typical application is illustrated in
Figure 17.
HB
15
reference for high-side driver and input for half-bridge slope detection;
externally connected to half-bridge node HB between HBC MOSFETs
(see Figure 17)
n.c.
16
not connected; high-voltage spacer
SNSCURHBC 17
momentary HBC current sense input; externally connected to resonant
current sense resistor
SGND
18
signal ground and IC reference (ground)
CFMIN
19
HBC minimum frequency setting; externally connected to capacitor
SNSBURST
20
burst stop activation sense input; externally connected to resistive divided
SNSFB voltage
SNSFB
21
output voltage regulation feedback sense input; externally connected to
optocoupler and pull-up resistor
SSHBC/EN
22
HBC soft-start timing of HBC and IC enable input; enables PFC or PFC
only or both PFC and HBC controllers; externally connected to soft-start
capacitor and enable pull-down signal
RCPROT
23
protection timer setting for time-out and restart; externally connected to
resistor and capacitor
SNSBOOST
24
sense input for boost voltage regulation; externally connected to resistive
divided boost voltage
Table 2.
Pin description …continued
Symbol
Pin
Description


Similar Part No. - TEA1716T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713 NXP-TEA1713 Datasheet
333Kb / 2P
   Higher integration for higher effi ciency in power supplies
2010
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
TEA1713T NXP-TEA1713T Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
More results

Similar Description - TEA1716T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1713T NXP-TEA1713T_11 Datasheet
366Kb / 47P
   Resonant power supply control IC with PFC
Rev. 2-9 February 2011
SSL4120T NXP-SSL4120T Datasheet
400Kb / 47P
   Resonant power supply control IC with PFC
Rev. 1-21 June 2012
TEA1713T NXP-TEA1713T Datasheet
359Kb / 45P
   Resonant power supply control IC with PFC
Rev. 01-22 December 2009
SSL4120 NXP-SSL4120 Datasheet
631Kb / 48P
   Resonant power supply controller IC with PFC for LED lighting
Rev. 1-8 January 2013
logo
Infineon Technologies A...
ICL5101 INFINEON-ICL5101 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
ICL5101 INFINEON-ICL5101_15 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.2, 2015-09-23
ICL5101 INFINEON-ICL5101_16 Datasheet
1Mb / 44P
   Resonant controller IC with PFC for LED driver
Rev. 1.3, 2016-01-15
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
International Rectifier
IR1150 IRF-IR1150_15 Datasheet
925Kb / 16P
   PFC ONE CYCLE CONTROL PFC IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com