Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1731LTS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1731LTS
Description  GreenChip SMPS control IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1731LTS Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1731LTS Datasheet HTML 1Page - NXP Semiconductors TEA1731LTS Datasheet HTML 2Page - NXP Semiconductors TEA1731LTS Datasheet HTML 3Page - NXP Semiconductors TEA1731LTS Datasheet HTML 4Page - NXP Semiconductors TEA1731LTS Datasheet HTML 5Page - NXP Semiconductors TEA1731LTS Datasheet HTML 6Page - NXP Semiconductors TEA1731LTS Datasheet HTML 7Page - NXP Semiconductors TEA1731LTS Datasheet HTML 8Page - NXP Semiconductors TEA1731LTS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
TEA1731LTS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 16 August 2012
4 of 19
NXP Semiconductors
TEA1731LTS
GreenChip SMPS control IC
7.
Functional description
7.1 General control
The TEA1731LTS contains a controller for a flyback circuit. A typical configuration is
shown in Figure 3.
7.2 Start-up and UnderVoltage LockOut (UVLO)
Initially, the capacitor on the VCC pin, C3, is charged from the high-voltage mains via
resistor R1.
As long as VCC is below Vstartup, the IC current consumption is low (10 A typical). When
VCC reaches Vstartup, the IC first waits for the PROTECT pin to reach the Vdet(PROTECT)(L)
voltage. When Vdet(PROTECT)(L) is reached, the IC charges the ISENSE pin to the Vstart(soft)
level and then starts switching. In a typical application, the auxiliary winding of the
transformer takes over the supply voltage (see Figure 4).
If a protection is triggered, the controller stops switching. Depending on the protection
triggered, it either causes a restart or latches the converter to an off-state.
A restart protection disables the switching of the IC. The supply voltage of the IC drops to
the UVLO level. When the UVLO level is reached, the IC switches to Power-down mode,
where it consumes a low supply current (10
A typical). The switching recommences
when the VCC capacitor is recharged to Vstartup via R1.
When a latched protection is triggered, the TEA1731LTS immediately enters Power-down
mode. The VCC pin is clamped to a voltage just above the latch protection reset voltage
(Vrst(latch) +0.9 V).
Fig 3.
TEA1731LTS typical configuration
DDD
,&

,6(16(
'5,9(5
*1'
9&&
3527(&7
&75/




'
&
5
5
'
&
7
6
5
2
&
2
=
'
5
&
5
5
5
&


Similar Part No. - TEA1731LTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
More results

Similar Description - TEA1731LTS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com