Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1792TS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TEA1792TS
Description  GreenChip synchronous rectifier controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1792TS Datasheet(HTML) 1 Page - NXP Semiconductors

  TEA1792TS Datasheet HTML 1Page - NXP Semiconductors TEA1792TS Datasheet HTML 2Page - NXP Semiconductors TEA1792TS Datasheet HTML 3Page - NXP Semiconductors TEA1792TS Datasheet HTML 4Page - NXP Semiconductors TEA1792TS Datasheet HTML 5Page - NXP Semiconductors TEA1792TS Datasheet HTML 6Page - NXP Semiconductors TEA1792TS Datasheet HTML 7Page - NXP Semiconductors TEA1792TS Datasheet HTML 8Page - NXP Semiconductors TEA1792TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
General description
The TEA1792TS is a member of the new generation of Synchronous Rectifier (SR)
controller ICs for switched mode power supplies. Its high level of integration allows the
design of a cost-effective power supply with a very low number of external components.
The TEA1792TS is a controller IC dedicated to synchronous rectification on the
secondary side of discontinuous conduction mode and quasi-resonant flyback converters.
The TEA1792TS is fabricated in a Silicon-On-Insulator (SOI) process.
2.
Features and benefits
2.1 Distinctive features
Accurate synchronous rectification functionality
Wide supply voltage range (8.5 V to 38 V)
High level of integration, resulting in a very low external component count
High driver output voltage of 10 V to drive all MOSFET brands to the lowest RDSon
Selectable regulation level for driver stage
2.2 Green features
Low current consumption
High system efficiency from no load to full load
2.3 Protection features
UnderVoltage Protection (UVP)
3.
Applications
The TEA1792TS is intended for adapters. The device can also be used in all other
discontinuous conduction mode systems and quasi-resonant flyback systems that
demand a highly efficient and cost-effective solution.
TEA1792TS
GreenChip synchronous rectifier controller
Rev. 3 — 29 January 2014
Product data sheet


Similar Part No. - TEA1792TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1792T NXP-TEA1792T Datasheet
332Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 2-9 July 2012
More results

Similar Description - TEA1792TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1795T PHILIPS-TEA1795T Datasheet
142Kb / 14P
   GreenChip synchronous rectifier controller
Rev. 1-4 November 2010
TEA1993TS NXP-TEA1993TS Datasheet
207Kb / 20P
   GreenChip synchronous rectifier controller
Rev.1.1-14 September 2016
TEA1791T NXP-TEA1791T_V01 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com