Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16L580IMF Datasheet(PDF) 1 Page - Exar Corporation

Part # XR16L580IMF
Description  Flammability rating of UL 94?륷0
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16L580IMF Datasheet(HTML) 1 Page - Exar Corporation

  XR16L580IMF Datasheet HTML 1Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material Declaration
Statement of Materials, Construction
Product:   XR16L580IM‐F 
Package:      48L TQFP (7x7)
Name
Weight (mg)
CAS No.
Weight (mg)
/Total Unit
/ Component
1
Die
1.3600
7440‐21‐3
1.36000
0.79
100.00
2Die Attach
0.2750
7440‐22‐4
0.20349
0.12
74.00
0.02475
0.01
9.00
0.01375
0.01
5.00
0.00412
0.00
1.50
0.01650
0.01
6.00
0.00687
0.00
2.50
0.00137
0.00
0.50
0.00412
0.00
1.50
3
Leadframe
70.6297
7440‐50‐8
68.52492
39.81
97.02
7439‐89‐6
1.62448
0.94
2.30
7723‐14‐0
0.05650
0.03
0.08
7440‐66‐6
0.07063
0.04
0.10
7440‐22‐4
0.35315
0.19
0.50
4Mold Compound
98.0000
4.90000
2.85
5.00
29690‐82‐2
1.47000
0.85
1.50
4.90000
2.85
5.00
1333‐86‐4
0.29400
0.17
0.30
60676‐86‐0
81.24200
47.20
82.90
76361‐86‐9
4.90000
2.85
5.00
14808‐60‐7
0.29400
0.17
0.30
5
Plating
1.5686
7440‐31‐5
1.56857
0.91
100.00
6Wire 
0.2858
7440‐50‐8
0.28580
0.60
99.99
0.00003
0.00
0.01
Total Unit Weight:
172.1191
RoHS Certificate of Compliance
China RoHS | Fully Compliant
Cadmium & its compounds (Cd)
100 ppm (0.01 weight %)
RoHS‐6 | Fully Compliant
Hexavalent Chromium & its compounds (Cr(VI))
1000 ppm (0.10 weight %)
Mercury & its compounds (HG)
1000 ppm (0.10 weight %)
Non Use of PFOS & PFOA
Polybrominated biphenyls (PBB)
1000 ppm (0.10 weight %)
Polybrominated diphenyl ethers (PBDE)
1000 ppm (0.10 weight %)
REACH | Fully Compliant
Lead & its compounds (Pb)
1000 ppm (0.10 weight %)
Halogen‐free
Flammability rating of UL 94‐V0 
MSL Pb‐Free:  L3 @ 260°C
Chiew Mee Foo, QA Manager
Dodd‐Frank Wall Street Reform and Consumer Protection Act, July 21, 2010 
We comply with this conflict metal free policy that restricts the use of those conflict metals, mining from the Democratic Republic of Congo (DRC) and it’s 
adjoining countries.  Exar will not accept product which uses these conflict metals from these areas.  We require our suppliers to enforce this policy and be 
able to identify and verify from their sources of minerals are conflict free.  Suppliers are required to report if they or any supplier through their supply chain 
use any of these conflict metals that are derived from certain conflict minerals originating in the DRC or an adjoining country.  Exar Corporation is not aware of 
any conflict metals to be used in any of their products.
This package is fully RoHS compliant.   The table above shows that this package meets the following RoHS requirements for EACH PACKAGE COMPONENT. 
Cu
Ag
Epoxy Resin A
Fe
P
Zn
Component weight is based on homogenous material used to assemble the unit. | Composition derived from the material declaration from vendors.
Carbon Black
Allowable Limit          
(at homogenous material level)
EU RoHS Restricted Substance
Phenol Resin
RoHS 2 (Recast) 2011/65/EU | Fully Compliant
Epoxy, Cresol Novolac
Silica, crystalline
Other
Cu
Material
Material Weight %
Component
Silicon
Element/Compound
Sn
Silver
Acrylic Resin
Peroxide
Additive
Polybutadiene derivative
Bitadiene copolymer
Epoxy Resin
Acrylate
Silica fused
Silica fused
Exar Corporation
 48720 Kato Road, Fremont, CA 94538  Phone:  510‐668‐7000
www.exar.com
Reference No:  MDS‐00000401 Rev 000


Similar Part No. - XR16L580IMF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16L580IM EXAR-XR16L580IM Datasheet
285Kb / 47P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
XR16L580IM EXAR-XR16L580IM Datasheet
977Kb / 52P
   SMALLEST 2.25V TO 5.5V UART WITH 16-BYTE FIFO AND POWERSAVE
More results

Similar Description - XR16L580IMF

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3243EUEYL EXAR-SP3243EUEYL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR16C850CMF EXAR-XR16C850CMF Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XRT83VSH316IBF EXAR-XRT83VSH316IBF Datasheet
169Kb / 2P
   Flammability rating of UL 94?륷0
XR21V1414IM48F EXAR-XR21V1414IM48F Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
CLC2000ISO8X EXAR-CLC2000ISO8X Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
ST16C2550CQ48F EXAR-ST16C2550CQ48F Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
XR75100ELF EXAR-XR75100ELF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
SP3232EETL EXAR-SP3232EETL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP2526A2ENL EXAR-SP2526A2ENL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP3072EMNL EXAR-SP3072EMNL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
SP3485CNL EXAR-SP3485CNL Datasheet
158Kb / 1P
   Flammability rating of UL 94?륷0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com