Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC17LC752-33I/L Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC17LC752-33I/L
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers with 10-bit A/D
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17LC752-33I/L Datasheet(HTML) 5 Page - Microchip Technology

  PIC17LC752-33I/L Datasheet HTML 1Page - Microchip Technology PIC17LC752-33I/L Datasheet HTML 2Page - Microchip Technology PIC17LC752-33I/L Datasheet HTML 3Page - Microchip Technology PIC17LC752-33I/L Datasheet HTML 4Page - Microchip Technology PIC17LC752-33I/L Datasheet HTML 5Page - Microchip Technology PIC17LC752-33I/L Datasheet HTML 6Page - Microchip Technology PIC17LC752-33I/L Datasheet HTML 7Page - Microchip Technology PIC17LC752-33I/L Datasheet HTML 8Page - Microchip Technology PIC17LC752-33I/L Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 328 page
background image
© 1998 Microchip Technology Inc.
DS30289A-page 5
PIC17C7XX
1.0
OVERVIEW
This data sheet covers the PIC17C7XX group of the
PIC17CXXX family of microcontrollers. The following
devices are discussed in this data sheet:
• PIC17C752
• PIC17C756A
• PIC17C762
• PIC17C766
The
PIC17C7XX
devices
are
68/84-pin,
EPROM-based members of the versatile PIC17CXXX
family
of
low-cost,
high-performance,
CMOS,
fully-static, 8-bit microcontrollers.
All PICmicro™ microcontrollers employ an advanced
RISC architecture. The PIC17CXXX has enhanced
core features, 16-level deep stack, and multiple internal
and external interrupt sources. The separate instruc-
tion and data buses of the Harvard architecture allow a
16-bit wide instruction word with a separate 8-bit wide
data path. The two stage instruction pipeline allows all
instructions to execute in a single cycle, except for pro-
gram branches (which require two cycles). A total of 58
instructions (reduced instruction set) are available.
Additionally, a large register set gives some of the
architectural innovations used to achieve a very high
performance. For mathematical intensive applications
all devices have a single cycle 8 x 8 Hardware Multi-
plier.
PIC17CXXX microcontrollers typically achieve a 2:1
code compression and a 4:1 speed improvement over
other 8-bit microcontrollers in their class.
PIC17C7XX devices have up to 902 bytes of RAM and
66 I/O pins. In addition, the PIC17C7XX adds several
peripheral features useful in many high performance
applications including:
• Four timer/counters
• Four capture inputs
• Three PWM outputs
• Two independent Universal Synchronous Asyn-
chronous Receiver Transmitters (USARTs)
• An A/D converter (multi-channel, 10-bit resolu-
tion)
• A Synchronous Serial Port
(SPI and I2C w/ Master mode)
These special features reduce external components,
thus reducing cost, enhancing system reliability and
reducing power consumption.
There are four oscillator options, of which the single pin
RC oscillator provides a low-cost solution, the LF oscil-
lator is for low frequency crystals and minimizes power
consumption, XT is a standard crystal, and the EC is for
external clock input.
The SLEEP (power-down) mode offers additional
power saving.
Wake-up from SLEEP can occur
through several external and internal interrupts and
device resets.
A highly reliable Watchdog Timer with its own on-chip
RC oscillator provides protection against software mal-
function.
There are four configuration options for the device
operational mode:
• Microprocessor
• Microcontroller
• Extended microcontroller
• Protected microcontroller
The microprocessor and extended microcontroller
modes allow up to 64K-words of external program
memory.
The device also has Brown-out Reset circuitry. This
allows a device reset to occur if the device VDD falls
below the Brown-out voltage trip point (BVDD). The
chip will remain in Brown-out Reset until VDD rises
above BVDD.
A UV-erasable CERQUAD-packaged version (compat-
ible with PLCC) is ideal for code development while the
cost-effective One-Time Programmable (OTP) version
is suitable for production in any volume.
The PIC17C7XX fits perfectly in applications that
require extremely fast execution of complex software
programs. These include applications ranging from
precise motor control and industrial process control to
automotive, instrumentation, and telecom applications.
The EPROM technology makes customization of appli-
cation programs (with unique security codes, combina-
tions, model numbers, parameter storage, etc.) fast and
convenient. Small footprint package options (including
die sales) make the PIC17C7XX ideal for applications
with space limitations that require high performance.
High speed execution, powerful peripheral features,
flexible I/O, and low power consumption all at low cost
make the PIC17C7XX ideal for a wide range of embed-
ded control applications.
1.1
Family and Upward Compatibility
The PIC17CXXX family of microcontrollers have archi-
tectural enhancements over the PIC16C5X and
PIC16CXX families. These enhancements allow the
device to be more efficient in software and hardware
requirements. Refer to Appendix A for a detailed list of
enhancements and modifications. Code written for
PIC16C5X or PIC16CXX can be easily ported to
PIC17CXXX devices (Appendix B).
1.2
Development Support
The PIC17CXXX family is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a universal programmer, a “C” compiler, and
fuzzy logic support tools. For additional information
see Section 19.0.


Similar Part No. - PIC17LC752-33I/L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17LC752-33I/L MICROCHIP-PIC17LC752-33I/L Datasheet
2Mb / 320P
   High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
More results

Similar Description - PIC17LC752-33I/L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC17C7XX MICROCHIP-PIC17C7XX_00 Datasheet
4Mb / 304P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
2000
PIC17C7XX MICROCHIP-PIC17C7XX_13 Datasheet
4Mb / 306P
   High-Performance 8-bit CMOS EPROM Microcontrollers with 10-bit A/D
11/29/12 1998-2013
PIC17C75X MICROCHIP-PIC17C75X Datasheet
2Mb / 320P
   High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
PIC10F222T-E MICROCHIP-PIC10F222T-E Datasheet
970Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC10F222-I MICROCHIP-PIC10F222-I Datasheet
970Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
PIC18CXX2 MICROCHIP-PIC18CXX2 Datasheet
5Mb / 296P
   High-Performance Microcontrollers with 10-Bit A/D
1999
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
   High Performance Microcontrollers with 10-bit A/D
2001
PIC18C242-I-SP MICROCHIP-PIC18C242-I-SP Datasheet
4Mb / 304P
   High Performance Microcontrollers with 10-bit A/D
11/29/12
PIC10F220T-I-OT MICROCHIP-PIC10F220T-I-OT Datasheet
861Kb / 86P
   High-Performance Microcontrollers with 8-bit A/D
06/25/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com