Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV2217 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2217
Description  LOW-DROPOUT FIXED-VOLTAGE REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2217 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2217_15 Datasheet HTML 1Page - Texas Instruments TLV2217_15 Datasheet HTML 2Page - Texas Instruments TLV2217_15 Datasheet HTML 3Page - Texas Instruments TLV2217_15 Datasheet HTML 4Page - Texas Instruments TLV2217_15 Datasheet HTML 5Page - Texas Instruments TLV2217_15 Datasheet HTML 6Page - Texas Instruments TLV2217_15 Datasheet HTML 7Page - Texas Instruments TLV2217_15 Datasheet HTML 8Page - Texas Instruments TLV2217_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TLV2217
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SLVS067L − MARCH 1992 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fixed 1.8-V, 2.5-V, and 3.3-V Outputs
D ±1% Maximum Output Voltage Tolerance at
TJ = 25°C
D 500-mV Maximum Dropout Voltage at
500 mA (3.3-V Option)
D ±2% Output Voltage Variation Across Load
and Temperature
D Internal Overcurrent Limiting
D Internal Thermal-Overload Protection
D Internal Overvoltage Protection
OUTPUT
GND
INPUT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
INPUT
GND
OUTPUT
PW (TSSOP) PACKAGE
(TOP VIEW)
HEAT
SINK
HEAT
SINK
HEAT
SINK
HEAT
SINK
KC (TO-220) PACKAGE
(TOP VIEW)
HEAT SINK − These terminals have an internal resistive connection
to ground and should be grounded or electrically isolated.
OUTPUT
GND
INPUT
GND
KTP (PowerFLEX
E/TO-252*) PACKAGE
(TOP VIEW)
GND
GND
OUTPUT
KCS (TO-220) PACKAGE
(TOP VIEW)
INPUT
*Complies with JEDEC TO-252, variation AC
description/ordering information
ORDERING INFORMATION
TJ
VO
(NOM)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
1.8 V
PowerFLEX
/TO-252* (KTP) Reel of 3000
TLV2217-18KTPR
2217−18
1.8 V
TO-220 (KCS)
Tube of 50
TLV2217-18KCS
TLV2217−18
TO-220 (KC)
Tube of 50
TLV2217-25KC
TLV2217−25
2.5 V
PowerFLEX
/TO-252* (KTP) Reel of 3000
TLV2217-25KTPR
2217−25
0
°C to 125°C
2.5 V
TSSOP (PW)
Tube of 70
TLV2217-25PW
2217−25
0 C to 125 C
TSSOP (PW)
Reel of 2000
TLV2217-25PWR
2217−25
PowerFLEX
/TO-252* (KTP) Reel of 3000
TLV2217-33KTPR
2217−33
3.3 V
TO-220 (KC)
Tube of 50
TLV2217-33KC
TLV2217−33
3.3 V
TSSOP (PW)
Reel of 2000
TLV2217-33PWR
2217−33
*Complies to TO-252, variation AC.
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005, Texas Instruments Incorporated
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TLV2217_15

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TLV2217-18 TI-TLV2217-18 Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KCS TI-TLV2217-18KCS Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
TLV2217-18KCS TI-TLV2217-18KCS Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KCSE3 TI-TLV2217-18KCSE3 Datasheet
394Kb / 13P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATOES
TLV2217-18KTPR TI-TLV2217-18KTPR Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - TLV2217_15

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TL760M33-Q1 TI1-TL760M33-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
TLV2217 TI-TLV2217 Datasheet
77Kb / 6P
[Old version datasheet]   LOW-DROPOUT 3.3-V FIXED-VOLTAGE REGULATORS
Richtek Technology Corporation
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
ON Semiconductor
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
M.S. Kennedy Corporation
M.S. Kennedy Corporatio...
MSK5010-3.3BTU MSK-MSK5010-3.3BTU Datasheet
195Kb / 5P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
MSK5020-3.3B MSK-MSK5020-3.3B Datasheet
268Kb / 6P
   HIGH CURRENT, SUPER LOW DROPOUT FIXED VOLTAGE REGULATORS
International Rectifier
International Rectifier
OM183-5NM IRF-OM183-5NM Datasheet
18Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com