Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLV2217 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TLV2217
Description  LOW-DROPOUT FIXED-VOLTAGE REGULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TLV2217 Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLV2217
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SLVS067L − MARCH 1992 − REVISED APRIL 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
COMPENSATION-CAPACITOR SELECTION INFORMATION
The TLV2217 is a low-dropout regulator. This means that the capacitance loading is important to the performance
of the regulator because it is a vital part of the control loop. The capacitor value and the equivalent series resistance
(ESR) both affect the control loop and must be defined for the load range and the temperature range. Figures 1 and 2
can be used to establish the capacitance value and ESR range for the best regulator performance.
TLV2217
ESR OF OUTPUT CAPACITOR
vs
LOAD CURRENT
Figure 1
1
0.8
0.4
0.2
0
1.8
0.6
0
0.1
0.2
0.3
1.4
1.2
1.6
3
0.4
0.5
2
2.2
2.4
2.6
2.8
∆IL
∆VL
∆VL = ESR × ∆IL
Not Recommended
Potential Instability
CL = 22 µF
CI = 0.1 µF
TJ = 25°C
Maximum
ESR Boundary
Applied Load
Current
Load
Voltage
IL − Load Current − A
Minimum
ESR Boundary
10
µF
TLV2217
STABILITY
vs
ESR
Figure 2
0.015
0.01
0
0
0.5
1
1.5
2
3
4
0.025
0.035
1/ESR
0.04
4.5
5
0.005
0.03
0.02
22
µF
1000
µF
2.5
3.5
100 mF
200
µF
400
µF
Not Recommended
Potential Instability
Recommended Minimum ESR
Region of
Best Stability
typical application schematic
VO = 3.3 V
22
µF
3.8 V
0.1
µF
TLV2217-33
INPUT
OUTPUT
Figure 3
GND


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn