Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA18363LT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TEA18363LT
Description  GreenChip SMPS control IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA18363LT Datasheet(HTML) 1 Page - NXP Semiconductors

  TEA18363LT Datasheet HTML 1Page - NXP Semiconductors TEA18363LT Datasheet HTML 2Page - NXP Semiconductors TEA18363LT Datasheet HTML 3Page - NXP Semiconductors TEA18363LT Datasheet HTML 4Page - NXP Semiconductors TEA18363LT Datasheet HTML 5Page - NXP Semiconductors TEA18363LT Datasheet HTML 6Page - NXP Semiconductors TEA18363LT Datasheet HTML 7Page - NXP Semiconductors TEA18363LT Datasheet HTML 8Page - NXP Semiconductors TEA18363LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
The TEA18363LT is a controller IC for low-cost Switched Mode Power Supplies (SMPS).
It is intended for flyback topologies. The built-in green functions provide high efficiency at
all power levels.
At high power levels the flyback operates in Quasi-Resonant (QR) mode. At lower power
levels, the controller switches to Frequency Reduction (FR) or Discontinuous Conduction
Mode (DCM) and limits the peak current to approximately 25 % of the maximum peak
current. Valley switching is used in all operating modes.
At low power levels, when the flyback switching frequency drops below 25 kHz, the
flyback converter switches to burst mode. A special burst mode has been integrated
which reduces the opto current to a minimum level, ensuring high efficiency at low power
and excellent no load power performance. As the switching frequency in this mode has a
minimum value of 25 kHz while the burst frequency is below 800 Hz, the frequencies are
outside the audible range. During the non-switching phase of the burst mode, the internal
IC supply current is minimized for further efficiency optimization.
The TEA18363LT includes an accurate OverPower Protection (OPP). The OPP enables
the controller to operate in overpower situations for a limited amount of time. If the output
is shorted, the system switches to low-power mode where the output power is limited to a
lower level.
The TEA18363LT is manufactured in a high-voltage Silicon-On-Insulator (SOI) process.
The SOI process combines the advantages of a low-voltage process (accuracy,
high-speed protection, functions, and control), while maintaining the high-voltage
capabilities (high-voltage start-up, low standby power, and an integrated X-capacitor
discharge function).
The TEA18363LT enables low-cost, highly efficient and reliable supplies for power
requirements up to 75 W to be designed with a minimum number of external components.
All values mentioned in this data sheet are typical values, unless otherwise specified.
TEA18363LT
GreenChip SMPS control IC
Rev. 2 — 12 December 2013
Product data sheet


Similar Part No. - TEA18363LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA18363T PHILIPS-TEA18363T Datasheet
246Kb / 27P
   GreenChip SMPS control IC
Rev. 2-12 December 2013
TEA18363T NXP-TEA18363T Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T/2 NXP-TEA18363T/2 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T2 NXP-TEA18363T2 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
More results

Similar Description - TEA18363LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com