Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N60L-TQ2-T Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 4N60L-TQ2-T
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60L-TQ2-T Datasheet(HTML) 8 Page - Unisonic Technologies

  4N60L-TQ2-T Datasheet HTML 1Page - Unisonic Technologies 4N60L-TQ2-T Datasheet HTML 2Page - Unisonic Technologies 4N60L-TQ2-T Datasheet HTML 3Page - Unisonic Technologies 4N60L-TQ2-T Datasheet HTML 4Page - Unisonic Technologies 4N60L-TQ2-T Datasheet HTML 5Page - Unisonic Technologies 4N60L-TQ2-T Datasheet HTML 6Page - Unisonic Technologies 4N60L-TQ2-T Datasheet HTML 7Page - Unisonic Technologies 4N60L-TQ2-T Datasheet HTML 8Page - Unisonic Technologies 4N60L-TQ2-T Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-061.Z
TYPICAL CHARACTERISTICS(Cont.)
1200
0
0.1
Drain-SourceVoltage, VDS (V)
1000
200
110
Ciss
800
600
Notes:
1. VGS=0V
2. f = 1MHz
Ciss=Cgs+Cgd (Cds=shorted)
Coss=Cds+Cgd Crss=Cgd
Capacitance Characteristics
(Non-Repetitive)
0
Total Gate Charge, QG (nC)
5
15
25
Note: ID=4A
8
10
12
10
6
4
2
0
VDS=120V
VDS=300V
VDS=480V
20
Gate Charge Characteristics
Coss
Crss
400


Similar Part No. - 4N60L-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60L-TQ2-T UTC-4N60L-TQ2-T Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-TQ2-T UTC-4N60L-TQ2-T Datasheet
262Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
4N60L-TQ2-T UTC-4N60L-TQ2-T Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
4N60L-TQ2-T UTC-4N60L-TQ2-T Datasheet
262Kb / 7P
   N-CHANNEL POWER MOSFET
4N60L-TQ2-T UTC-4N60L-TQ2-T Datasheet
236Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60L-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com