Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N65L-TM3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3N65L-TM3-T
Description  N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N65L-TM3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  3N65L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 3N65L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 3N65L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 3N65L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 3N65L-TM3-T Datasheet HTML 5Page - Unisonic Technologies 3N65L-TM3-T Datasheet HTML 6Page - Unisonic Technologies 3N65L-TM3-T Datasheet HTML 7Page - Unisonic Technologies 3N65L-TM3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
3N65
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-590.F
3A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 3N65 is a high voltage and high current power
MOSFET designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and
high rugged avalanche characteristics. This power MOSFET is
usually used in high speed switching applications at power
supplies, PWM motor controls, high efficient DC to DC
converters and bridge circuits.
FEATURES
* RDS(ON) < 3.8Ω @ VGS = 10V, ID = 1.5A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
123456
7
8
3N65L-TA3-T
3N65G-TA3-T
TO-220
G
D
S
-
-
-
-
-
Tube
3N65L-TF1-T
3N65G-TF1-T
TO-220F1
G
D
S
-
-
-
-
-
Tube
3N65L-TF3-T
3N65G-TF3-T
TO-220F
G
D
S
-
-
-
-
-
Tube
3N65L-TM3-T
3N65G-TM3-T
TO-251
G
D
S
-
-
-
-
-
Tube
3N65L-TMS-T
3N65G-TMS-T
TO-251S
G
D
S
-
-
-
-
-
Tube
3N65L-TMS2-T
3N65G-TMS2-T
TO-251S2
G
D
S
-
-
-
-
-
Tube
3N65L-TMS4-T
3N65G-TMS4-T
TO-251S4
G
D
S
-
-
-
-
-
Tube
3N65L-TN3-R
3N65G-TN3-R
TO-252
G
D
S
-
-
-
-
-
Tape Reel
3N65L-T60-K
3N65G-T60-K
TO-126
G
D
S
-
-
-
-
-
Bulk
-
3N65G-K08-5060-R
DFN-8(5×6)
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 3N65L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N65L-TM3-R UTC-3N65L-TM3-R Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65L-TM3-R UTC-3N65L-TM3-R Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
3N65L-TM3-R VBSEMI-3N65L-TM3-R Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) Power MOSFET
More results

Similar Description - 3N65L-TM3-T

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com