Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SM5309B Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part No. SM5309B
Description  3-channel Video Buffer with Built-in wideband LPF
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NPC [Nippon Precision Circuits Inc]
Homepage  http://www.npc.co.jp/en
Logo 

SM5309B Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SM5309B
SEIKO NPC CORPORATION —12
1st byte: slave address
The ADS pin can set one of three slave addresses. Note that D0 must be “0 (Write)”. The input circuit of ADS
pin is placed in analog supply (VCC, GND) area.
2nd byte: subaddress
The 2nd byte sets the subaddress, selecting one of three registers.
3rd byte: control data
The 3rd byte control data sets the register flags corresponding to the subaddress selected by 2nd byte. The flags
assigned are shown in the following table.
ADS
1st byte: slave address
HEX
D7
D6
D5
D4
D3
D2
D1
D0
L: GND
90h
1001000
0 (W)
H: VCC
92h
1001001
0 (W)
Open
94h
1001010
0 (W)
Register name
2nd byte: subaddress
HEX
D7
D6
D5
D4
D3
D2
D1
D0
FCSET
01h
00000001
CONDITION1
02h
00000010
CONDITION2
03h
00000011
Register name
3rd byte: control data
D7
D6
D5
D4
D3
D2
D1
D0
FCSET
FCM
FC6
FC5
FC4
FC3
FC2
FC1
FC0
CONDITION1
CB5
CB4
CB3
CB2
CB1
CB0
CONDITION2
PD
MUX
HALF
BYPASS
−−


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn